Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA226AIDGST Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA226AIDGST
Description  High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA226AIDGST Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA226AIDGST Datasheet HTML 18Page - Texas Instruments INA226AIDGST Datasheet HTML 19Page - Texas Instruments INA226AIDGST Datasheet HTML 20Page - Texas Instruments INA226AIDGST Datasheet HTML 21Page - Texas Instruments INA226AIDGST Datasheet HTML 22Page - Texas Instruments INA226AIDGST Datasheet HTML 23Page - Texas Instruments INA226AIDGST Datasheet HTML 24Page - Texas Instruments INA226AIDGST Datasheet HTML 25Page - Texas Instruments INA226AIDGST Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
INA226
SBOS547
– JUNE 2011
www.ti.com
AFF:
Alert Function Flag
Bit 4
While only one Alert Function can be monitored at the Alert pin at a time, the Conversion Ready can also be
enabled to assert the Alert pin. Reading the Alert Function Flag following an alert allows the user to determine if the
Alert Function was the source of the Alert.
When the Alert Latch Enable bit is set to Latch mode, the Alert Function Flag clears only when the Mask/Enable
Register is read. When the Alert Latch Enable bit is set to Transparent mode, the Alert Function Flag is cleared
following the next conversion that does not result in an Alert condition.
CVRF:
Conversion Ready Flag
Bit 3
Although the INA226 can be read at any time, and the data from the last conversion is available, the Conversion
Ready bit is provided to help coordinate one-shot or triggered conversions. The Conversion bit is set after all
conversions, averaging, and multiplications are complete. Conversion Ready clears under the following conditions:
1.) Writing to the Configuration Register (except for Power-Down or Disable selections)
2.) Reading the Mask/Enable Register
OVF:
Math Overflow Flag
Bit 2
This bit is set to '1' if an arithmetic operation resulted in an overflow error. It indicates that current and power data
may be invalid.
APOL:
Alert Polarity bit; sets the Alert pin polarity.
Bit 1
1 = Inverted (active-high open collector)
0 = Normal (active-low open collector) (default)
LEN:
Alert Latch Enable; configures the latching feature of the Alert pin and Flag bits.
Bit 0
1 = Latch enabled
0 = Transparent (default)
When the Alert Latch Enable bit is set to Transparent mode, the Alert pin and Flag bits will reset to their idle states
when the fault has been cleared. When the Alert Latch Enable bit is set to Latch mode, the Alert pin and Flag bits
will remain active following a fault until the Mask/Enable Register has been read.
Alert Limit 07h (Read/Write)
The Alert Limit Register contains the value used to compare to the register selected in the Mask/Enable Register
to determine if a limit has been exceeded.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
AUL15
AUL14
AUL13
AUL12
AUL11
AUL10
AUL9
AUL8
AUL7
AUL6
AUL5
AUL4
AUL3
AUL2
AUL1
AUL0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
BUS OVERVIEW
The INA226 offers compatibility with both I2C and SMBus interfaces. The I2C and SMBus protocols are
essentially compatible with one another.
The I2C interface is used throughout this data sheet as the primary example, with SMBus protocol specified only
when a difference between the two systems is discussed. Two bidirectional lines, SCL and SDA, connect the
INA226 to the bus. Both SCL and SDA are open-drain connections.
The device that initiates a data transfer is called a master, and the devices controlled by the master are slaves.
The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access,
and generates START and STOP conditions.
To address a specific device, the master initiates a start condition by pulling the data signal line (SDA) from a
high to a low logic level while SCL is high. All slaves on the bus shift in the slave address byte on the rising edge
of SCL, with the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the
slave being addressed responds to the master by generating an Acknowledge and pulling SDA low.
22
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com