Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3410XMFE Datasheet(PDF) 42 Page - Texas Instruments

Part # LM3410XMFE
Description  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3410XMFE Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM3410XMFE Datasheet HTML 38Page - Texas Instruments LM3410XMFE Datasheet HTML 39Page - Texas Instruments LM3410XMFE Datasheet HTML 40Page - Texas Instruments LM3410XMFE Datasheet HTML 41Page - Texas Instruments LM3410XMFE Datasheet HTML 42Page - Texas Instruments LM3410XMFE Datasheet HTML 43Page - Texas Instruments LM3410XMFE Datasheet HTML 44Page - Texas Instruments LM3410XMFE Datasheet HTML 45Page - Texas Instruments LM3410XMFE Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM3410XMF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3410XMFE/NOPB
SOT-23
DBV
5
250
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3410XMFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3410XMY/NOPB
MSOP-
Power
PAD
DGN
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM3410XMYE/NOPB
MSOP-
Power
PAD
DGN
8
250
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM3410XMYX/NOPB
MSOP-
Power
PAD
DGN
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LM3410XQMF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3410XQMFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3410XSD/NOPB
WSON
NGG
6
1000
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LM3410XSDE/NOPB
WSON
NGG
6
250
178.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LM3410XSDX/NOPB
WSON
NGG
6
4500
330.0
12.4
3.3
3.3
1.0
8.0
12.0
Q1
LM3410YMF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3410YMFE/NOPB
SOT-23
DBV
5
250
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3410YMFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Oct-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com