Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3410XMFE Datasheet(PDF) 20 Page - Texas Instruments

Part # LM3410XMFE
Description  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3410XMFE Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3410XMFE Datasheet HTML 16Page - Texas Instruments LM3410XMFE Datasheet HTML 17Page - Texas Instruments LM3410XMFE Datasheet HTML 18Page - Texas Instruments LM3410XMFE Datasheet HTML 19Page - Texas Instruments LM3410XMFE Datasheet HTML 20Page - Texas Instruments LM3410XMFE Datasheet HTML 21Page - Texas Instruments LM3410XMFE Datasheet HTML 22Page - Texas Instruments LM3410XMFE Datasheet HTML 23Page - Texas Instruments LM3410XMFE Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
VFB
2
RSET
PRSET =
D
2
x
x
=
RDSON
¸¸
¹
·
¨¨
©
§
D'
P
NFET
-
COND
ILED
Isw-rms = IIND D
1 +
'i
IIND
1
3
2
x
D
IIND
|
t
'i
IIN
ISW(t)
LM3410, LM3410Q
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
Figure 23. LM3410 Switch Current
(27)
(small ripple approximation)
PCOND-NFET = IIN
2 x R
DSON x D
(28)
Or
(29)
The value for RDSON should be equal to the resistance at the junction temperature you wish to analyze. As an
example, at 125°C and RDSON = 250 mΩ (See typical graphs for value).
Switching losses are also associated with the internal power switch. They occur during the switch on and off
transition periods, where voltages and currents overlap resulting in power loss.
The simplest means to determine this loss is to empirically measuring the rise and fall times (10% to 90%) of the
switch at the switch node:
PSWR = 1/2(VOUT x IIN x fSW x tRISE)
(30)
PSWF = 1/2(VOUT x IIN x fSW x tFALL)
(31)
PSW = PSWR + PSWF
(32)
Table 4. Typical Switch-Node Rise and Fall Times
VIN
VOUT
tRISE
tFALL
3V
5V
6nS
4nS
5V
12V
6nS
5nS
3V
12V
8nS
7nS
5V
18V
10nS
8nS
Quiescent Power Losses
IQ is the quiescent operating current, and is typically around 1.5 mA.
PQ = IQ x VIN
(33)
RSET Power Loss
(34)
Example Efficiency Calculation:
Operating Conditions:
5 x 3.3V LEDs + 190mVREF ≊ 16.7V
(35)
20
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3410 LM3410Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com