Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3410XMFE Datasheet(PDF) 15 Page - Texas Instruments

Part # LM3410XMFE
Description  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3410XMFE Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3410XMFE Datasheet HTML 11Page - Texas Instruments LM3410XMFE Datasheet HTML 12Page - Texas Instruments LM3410XMFE Datasheet HTML 13Page - Texas Instruments LM3410XMFE Datasheet HTML 14Page - Texas Instruments LM3410XMFE Datasheet HTML 15Page - Texas Instruments LM3410XMFE Datasheet HTML 16Page - Texas Instruments LM3410XMFE Datasheet HTML 17Page - Texas Instruments LM3410XMFE Datasheet HTML 18Page - Texas Instruments LM3410XMFE Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
LM3410, LM3410Q
www.ti.com
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
External Components: Choose components that are efficient, and you can reduce the mutual heating between
devices.
PCB design with thermal performance in mind:
The PCB design is a very important step in the thermal design procedure. The LM3410 is available in three
package options (5-pin SOT-23, 8-pin MSOP-PowerPad and 6-pin WSON). The options are electrically the
same, but difference between the packages is size and thermal performance. The WSON and MSOP-PowerPad
have thermal Die Attach Pads (DAP) attached to the bottom of the packages, and are therefore capable of
dissipating more heat than the SOT-23 package. It is important that the customer choose the correct package for
the application. A detailed thermal design procedure has been included in this data sheet. This procedure will
help determine which package is correct, and common applications will be analyzed.
There is one significant thermal PCB layout design consideration that contradicts a proper electrical PCB layout
design consideration. This contradiction is the placement of external components that dissipate heat. The
greatest external heat contributor is the external Schottky diode. It would be nice if you were able to separate by
distance the LM3410 from the Schottky diode, and thereby reducing the mutual heating effect. This will however
create electrical performance issues. It is important to keep the LM3410, the output capacitor, and Schottky
diode physically close to each other (see PCB layout guidelines). The electrical design considerations outweigh
the thermal considerations. Other factors that influence thermal performance are thermal vias, copper weight,
and number of board layers.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3410 LM3410Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com