Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AD Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6599AD
Description  Improved high-voltage resonant controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6599AD Datasheet HTML 3Page - STMicroelectronics L6599AD Datasheet HTML 4Page - STMicroelectronics L6599AD Datasheet HTML 5Page - STMicroelectronics L6599AD Datasheet HTML 6Page - STMicroelectronics L6599AD Datasheet HTML 7Page - STMicroelectronics L6599AD Datasheet HTML 8Page - STMicroelectronics L6599AD Datasheet HTML 9Page - STMicroelectronics L6599AD Datasheet HTML 10Page - STMicroelectronics L6599AD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
L6599A
Pin connection
Doc ID 15308 Rev 7
7/35
9PFC_STOP
Open-drain ON/OFF control of PFC controller. This pin, normally open, is
intended for stopping the PFC controller, for protection purposes or during
burst mode operation. It goes low when the IC is shut down by DIS>1.85 V,
ISEN > 1.5 V, LINE > 6 V and STBY < 1.24 V. The pin is pulled low also
when the voltage on the DELAY exceeds 2 V and goes back open as the
voltage falls below 0.3 V. During UVLO, it is open. Leave the pin
unconnected if not used.
10
GND
Chip ground. Current return for both the low-side gate-drive current and
the bias current of the IC. All of the ground connections of the bias
components should be tied to a track going to this pin and kept separate
from any pulsed current return.
11
LVG
Low-side gate-drive output. The driver is capable of 0.3 A min. source and
0.8 A min. sink peak current to drive the lower MOSFET of the half bridge
leg. The pin is actively pulled to GND during UVLO.
12
Vcc
Supply voltage of both the signal part of the IC and the low-side gate
driver. Sometimes a small bypass capacitor (0.1 µF typ.) to GND may be
useful to get a clean bias voltage for the signal part of the IC.
13
N.C.
High-voltage spacer. The pin is not internally connected to isolate the high-
voltage pin and ease compliance with safety regulations (creepage
distance) on the PCB.
14
OUT
High-side gate-drive floating ground. Current return for the high-side gate-
drive current. Layout carefully the connection of this pin to avoid too large
spikes below ground.
15
HVG
High-side floating gate-drive output. The driver is capable of 0.3 A min.
source and 0.8 A min. sink peak current to drive the upper MOSFET of the
half bridge leg. A resistor internally connected to pin 14 (OUT) ensures
that the pin is not floating during UVLO.
16
VBOOT
High-side gate-drive floating supply voltage. The bootstrap capacitor
connected between this pin and pin 14 (OUT) is fed by an internal
synchronous bootstrap diode driven in-phase with the low-side gate drive.
This patented structure replaces the normally used external diode.
Table 2.
Pin description (continued)
Pin N#
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com