Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AD Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6599AD
Description  Improved high-voltage resonant controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6599AD Datasheet HTML 9Page - STMicroelectronics L6599AD Datasheet HTML 10Page - STMicroelectronics L6599AD Datasheet HTML 11Page - STMicroelectronics L6599AD Datasheet HTML 12Page - STMicroelectronics L6599AD Datasheet HTML 13Page - STMicroelectronics L6599AD Datasheet HTML 14Page - STMicroelectronics L6599AD Datasheet HTML 15Page - STMicroelectronics L6599AD Datasheet HTML 16Page - STMicroelectronics L6599AD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
L6599A
Typical electrical performance
Doc ID 15308 Rev 7
13/35
Figure 9.
Oscillator frequency vs. timing
components
Figure 10.
Oscillator ramp vs. junction
temperature
Figure 11.
Reference voltage vs. junction
temperature
Figure 12.
Current mirroring ratio vs. junction
temperature
Figure 13.
OCP delay source current vs.
junction temperature
Figure 14.
OCP delay thresholds vs. junction
temperature
AM13173v1
100
1000
Pin 3 fsw [kHz]
Vcc = 15V
10
0
5
10
15
20
RFmin [k
Ω ]
CF:
220 pF
330 pF
470 pF
680 pF
1.0 nF
2.2 nF
AM13174v
AM13175v1
AM13176v1
AM13177v1
AM13178v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com