Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AD Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6599AD
Description  Improved high-voltage resonant controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AD Datasheet(HTML) 5 Page - STMicroelectronics

  L6599AD Datasheet HTML 1Page - STMicroelectronics L6599AD Datasheet HTML 2Page - STMicroelectronics L6599AD Datasheet HTML 3Page - STMicroelectronics L6599AD Datasheet HTML 4Page - STMicroelectronics L6599AD Datasheet HTML 5Page - STMicroelectronics L6599AD Datasheet HTML 6Page - STMicroelectronics L6599AD Datasheet HTML 7Page - STMicroelectronics L6599AD Datasheet HTML 8Page - STMicroelectronics L6599AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
L6599A
Pin connection
Doc ID 15308 Rev 7
5/35
3
Pin connection
Figure 2.
Pin connection (top view)
Table 2.
Pin description
Pin N#
Type
Function
1Css
Soft-start. This pin connects an external capacitor to GND and a resistor to
RFmin (pin 4) that set both the maximum oscillator frequency and the time
constant for the frequency shift that occurs as the chip starts up (soft-
start). An internal switch discharges this capacitor every time the chip turns
off (Vcc < UVLO, LINE < 1.24 V or > 6 V, DIS > 1.85 V, ISEN > 1.5 V,
DELAY > 2 V) to make sure it is soft-started next, and when the voltage on
the current sense pin (ISEN) exceeds 0.8 V, as long as it stays above 0.75
V.
2DELAY
Delayed shutdown upon overcurrent. A capacitor and a resistor are
connected from this pin to GND to set the maximum duration of an
overcurrent condition before the IC stops switching and the delay after
which the IC restarts switching. Every time the voltage on the ISEN pin
exceeds 0.8 V, the capacitor is charged by an internal 150 µA current
generator and is slowly discharged by the external resistor. If the voltage
on the pin reaches 2 V, the soft-start capacitor is completely discharged so
that the switching frequency is pushed to its maximum value and the 150
µA is kept always on. As the voltage on the pin exceeds 3.5 V the IC stops
switching and the internal generator is turned off, so that the voltage on the
pin decays because of the external resistor. The IC is soft-restarted as the
voltage drops below 0.3 V. In this way, under short-circuit conditions, the
converter works intermittently with very low input average power.
3CF
Timing capacitor. A capacitor connected from this pin to GND is charged
and discharged by internal current generators programmed by the external
network connected to pin 4 (RFmin) and determines the switching
frequency of the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com