Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2136 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2136
Description  2.5V to 6V Input, 2MHz, 1A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2136 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2136 Datasheet HTML 1Page - Monolithic Power Systems MP2136 Datasheet HTML 2Page - Monolithic Power Systems MP2136 Datasheet HTML 3Page - Monolithic Power Systems MP2136 Datasheet HTML 4Page - Monolithic Power Systems MP2136 Datasheet HTML 5Page - Monolithic Power Systems MP2136 Datasheet HTML 6Page - Monolithic Power Systems MP2136 Datasheet HTML 7Page - Monolithic Power Systems MP2136 Datasheet HTML 8Page - Monolithic Power Systems MP2136 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2136
2.5V to 6V Input, 2MHz, 1A
Synchronous Step-Down Converter
MP2136 Rev. 0.9
www.MonolithicPower.com
1
8/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2136 is a 2MHz constant frequency,
current mode, PWM step-down converter with
integrated
main
switch
and
synchronous
rectifier that is ideal for powering portable
equipment that runs from a single Li-Ion or Li-
Polymer battery.
The MP2136 can supply up to 1A load current
from a 2.5V to 6V input voltage. The output
voltage can be as low as 0.6V.
Additional features include <1µA shutdown
current, internal soft-start, cycle-by-cycle over
current protection, short circuit protection, and
thermal shutdown.
The MP2136 is available in a 6-pin, QFN6
2mm×2mm package.
FEATURES
• 2MHz Constant Switching Frequency
• 1A Available Load Current
• 2.5V to 6V Input Voltage Range
• Output Voltage as Low as 0.6V
• Current Mode Control
• Cycle-by-Cycle Over Current Protection
• Short Circuit Protection
• Thermal Shutdown
• <1µA Shutdown Current
• Internal Soft-Start
• Space-Saving 6-pin, QFN6 2mm×2mm
package
APPLICATIONS
• Cellular Phones
• Microprocessors and DSP Core Supplies
• PDAs and Smart Phones
• MP3 and Portable Media Players
• Digital Still and Video Cameras
• Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
IN
EN
NC
GND
FB
SW
VOUT
EN
OFF ON
2.5V - 6V
1.2V/1A
C2
10uF
R2
300k
1%
R1
300k
1%
L1
1.2uH
U1
MP2136EG
3
2
1
5
6
4
C1
4.7uF
Efficiency vs.
Output Current
L=2.2uH Vo=1.2V
0
10
20
30
40
50
60
70
80
90
100
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
Vin=3.3V
Vin=5V
Vin=2.5V
Vin=6V
OUTPUT CURRENT (A)


Similar Part No. - MP2136

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2130 MPS-MP2130 Datasheet
447Kb / 12P
High Efficiency, 3.5A, 6V, 1.2MHz Synchronous Step-Down Converter in an Ultra?밪mall QFN12 (2x2mm) Package
MP2130DG MPS-MP2130DG Datasheet
447Kb / 12P
High Efficiency, 3.5A, 6V, 1.2MHz Synchronous Step-Down Converter in an Ultra?밪mall QFN12 (2x2mm) Package
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2131GG MPS-MP2131GG Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2131GG MPS-MP2131GG Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
More results

Similar Description - MP2136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5432 TI1-TPS5432 Datasheet
1Mb / 28P
2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
logo
Richtek Technology Corp...
RT8079 RICHTEK-RT8079 Datasheet
199Kb / 13P
2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2128 MPS-MP2128 Datasheet
330Kb / 8P
2.5V-6V Input, 3MHz, 1A Synchronous Step-Down Converter
MP4558 MPS-MP4558 Datasheet
1Mb / 20P
1A, 2MHz, 55V Step-Down Converter
MPQ2128 MPS-MPQ2128 Datasheet
432Kb / 7P
2.5V-to-6V Input, 3MHz, 1A Synchronous, Step-Down Converter Available in AEC-Q100
logo
Texas Instruments
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
logo
Monolithic Power System...
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
logo
SHOUDING Shouding Semic...
SD8916A SHOUDING-SD8916A Datasheet
475Kb / 8P
800mA,2-6V Input,1.5MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
RT8096A RICHTEK-RT8096A Datasheet
1Mb / 19P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com