Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8079 Datasheet (PDF) - Richtek Technology Corporation

RT8079 Datasheet PDF - Richtek Technology Corporation
Part # RT8079
Download  RT8079 Download
File Size   199.67 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter

RT8079 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8079 Datasheet PDF - Richtek Technology Corporation

Part # RT8079
Download  RT8079 Click to download

File Size   199.67 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter

RT8079 Datasheet (HTML) - Richtek Technology Corporation


RT8079 Product details

General Description

The RT8079 is a high efficiency step-down converter and capable of delivering 3A output current over a wide input voltage range from 2.95V to 6V.

The RT8079 provides accurate regulation for a variety of loads with ±3% accuracy. For reducing inductor size, it

provides up to 2MHz switching frequency. The efficiency is maximized through the integrated 45mΩ MOSFETs

and 550μA typical supply current.



Features

Integrated 45mΩ MOSFETs

Input Range : 2.95V to 6V

Adjustable PWM Frequency : 300kHz to 2MHz

Output Current : 3A

95% Efficiency

Adjustable Soft-Start

Power Good Indicator

Enable Control

Under Voltage Lockout

Current Limit

Thermal Shutdown

16-Lead WQFN Package

RoHS Compliant and Halogen Free



Applications

Low-Voltage, High-Density Power Systems

Distributed Power Systems

Point-of-Load Conversions




Similar Part No. - RT8079

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8074 RICHTEK-RT8074 Datasheet
145Kb / 10P
4A, 2MHz, Synchronous Step-Down Converter
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
Dual 1A, 1.25MHz Synchronous Step-Down Converter
More results


Similar Description - RT8079

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318 TI-TPS54318 Datasheet
1Mb / 36P
2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS5432 TI1-TPS5432 Datasheet
1Mb / 28P
2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
logo
Richtek Technology Corp...
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2136 MPS-MP2136 Datasheet
868Kb / 11P
2.5V to 6V Input, 2MHz, 1A Synchronous Step-Down Converter
logo
Texas Instruments
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com