Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2162 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2162
Description  2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2162 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2162 Datasheet HTML 5Page - Monolithic Power Systems MP2162 Datasheet HTML 6Page - Monolithic Power Systems MP2162 Datasheet HTML 7Page - Monolithic Power Systems MP2162 Datasheet HTML 8Page - Monolithic Power Systems MP2162 Datasheet HTML 9Page - Monolithic Power Systems MP2162 Datasheet HTML 10Page - Monolithic Power Systems MP2162 Datasheet HTML 11Page - Monolithic Power Systems MP2162 Datasheet HTML 12Page - Monolithic Power Systems MP2162 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP2162 – 2A, 6V, 1.5MHz SYNCHRONOUS STEP-DOWN SWITCHER
MP2162 Rev. 1.01
www.MonolihicPower.com
12
11/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 4: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com