Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2162 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2162
Description  2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2162 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2162 Datasheet HTML 5Page - Monolithic Power Systems MP2162 Datasheet HTML 6Page - Monolithic Power Systems MP2162 Datasheet HTML 7Page - Monolithic Power Systems MP2162 Datasheet HTML 8Page - Monolithic Power Systems MP2162 Datasheet HTML 9Page - Monolithic Power Systems MP2162 Datasheet HTML 10Page - Monolithic Power Systems MP2162 Datasheet HTML 11Page - Monolithic Power Systems MP2162 Datasheet HTML 12Page - Monolithic Power Systems MP2162 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP2162 – 2A, 6V, 1.5MHz SYNCHRONOUS STEP-DOWN SWITCHER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2162 Rev. 1.01
www.MonolithicPower.com
13
11/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN8 (2.0X1.5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com