Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2162 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2162
Description  2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2162 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2162 Datasheet HTML 1Page - Monolithic Power Systems MP2162 Datasheet HTML 2Page - Monolithic Power Systems MP2162 Datasheet HTML 3Page - Monolithic Power Systems MP2162 Datasheet HTML 4Page - Monolithic Power Systems MP2162 Datasheet HTML 5Page - Monolithic Power Systems MP2162 Datasheet HTML 6Page - Monolithic Power Systems MP2162 Datasheet HTML 7Page - Monolithic Power Systems MP2162 Datasheet HTML 8Page - Monolithic Power Systems MP2162 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2162
2A, 6V, 1.5MHz, 17μA IQ, COT
Synchronous Step Dwon Switcher
In Ultra-small 2x1.5mm QFN
MP2162 Rev. 1.01
www.MonolihicPower.com
1
11/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2162 is a monolithic step-down switch
mode converter with built-in internal power
MOSFETs. It achieves 2A continuous output
current from a 2.5V to 6V input voltage with
excellent load and line regulation. The output
voltage can be regulated as low as 0.6V.
The
Constant-On-Time
control
scheme
provides fast transient response and eases loop
stabilization. Fault condition protection includes
cycle-by-cycle current limiting and thermal
shutdown.
The MP2162 is available in the small QFN8
2.0x1.5mm package and requires a minimum
number of readily available standard external
components.
The MP2162 is ideal for a wide range of
applications including High Performance DSPs,
FPGAs, PDAs, and portable instruments.
FEATURES
• Very Low IQ: 17μA
• Default 1.5MHz Switching Frequency
• EN and Power Good for Power Sequencing
• Ultra-small 2x1.5mm QFN8 Package
• Wide 2.5V to 6V Operating Input Range
Output Adjustable from 0.6V
• Up to 2A Output Current
• 100% Duty Cycle in Dropout
• 100mΩ and 60mΩ Internal Power MOSFET
Switches
• Cycle-by-Cycle Over Current Protection
• Short Circuit Protect with Hiccup Mode
• Stable with Low ESR Output Ceramic
Capacitors
APPLICATIONS
• Wireless/Networking Cards
• Portable Instruments
• Battery Powered Devices
• Low Voltage I/O Systems Power
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2162

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2162A MPS-MP2162A Datasheet
533Kb / 17P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
MP2162AGQH MPS-MP2162AGQH Datasheet
533Kb / 17P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
MP2162AGQHT MPS-MP2162AGQHT Datasheet
533Kb / 17P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
MP2162AGQHU MPS-MP2162AGQHU Datasheet
533Kb / 17P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
More results

Similar Description - MP2162

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
MP2158 MPS-MP2158 Datasheet
445Kb / 13P
1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In Ultra-small 2x1.5mm QFN
MP2159 MPS-MP2159 Datasheet
448Kb / 13P
1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2158A MPS-MP2158A Datasheet
469Kb / 14P
1A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in Ultra-Small 2x1.5mm QFN-8
MP2160 MPS-MP2160 Datasheet
338Kb / 13P
1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
MP2161A MPS-MP2161A Datasheet
460Kb / 15P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2162A MPS-MP2162A Datasheet
533Kb / 17P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
MP9161A MPS-MP9161A Datasheet
443Kb / 15P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com