Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2249DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2249DN
Description  1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2249DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2249DN Datasheet HTML 1Page - Monolithic Power Systems MP2249DN Datasheet HTML 2Page - Monolithic Power Systems MP2249DN Datasheet HTML 3Page - Monolithic Power Systems MP2249DN Datasheet HTML 4Page - Monolithic Power Systems MP2249DN Datasheet HTML 5Page - Monolithic Power Systems MP2249DN Datasheet HTML 6Page - Monolithic Power Systems MP2249DN Datasheet HTML 7Page - Monolithic Power Systems MP2249DN Datasheet HTML 8Page - Monolithic Power Systems MP2249DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2249 – 6V, 3A, 1MHZ, SYNCHRONOUS STEP-DOWN CONVERTER
MP2249 Rev.1.0
www.MonolithicPower.com
2
11/2/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
RDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP2249DN
SOIC8E
MP2249
MP2249DQT *
TQFN10 (3mm x 3mm)
AAVY
-40°C to +85°C
* For Tape and Reel, add suffix -Z (e.g. MP2249DQT–Z).
For RoHS Compliant Packaging, add suffix - LF (e.g. MP2249DQT–LF–Z);
PACKAGE REFERENCE
TQFN10 (3mm x 3mm)
SOIC8E
ABSOLUTE MAXIMUM RATINGS (1)
PVIN to GND ...............................-0.3V to +6.5V
SW to GND ............................-0.3V to VIN +0.3V
FB, EN & PG to GND...................-0.3V to +6.5V
Junction Temperature.............................+150
°C
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8E...................................................... 2.5W
TQFN10 (3mmx3mm) ................................ 2.5W
Lead Temperature ..................................+260
°C
Storage Temperature .............. -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................2.5V to 6V
Output Voltage VOUT...........................0.6V to 6V
Operating Junct. Temp. ........... -40
°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8E .................................. 50 ...... 10...
°C/W
TQFN10 (3mmx3mm)............. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature. TJ(MAX) the junction-to-
ambient thermal resistance θJA and the ambient temperature
TA. The maximum allowable power dissipation at any ambient
temperature is calculated using: PD(MAX)=(TJ(MAX)-TA)/ θJA.
Exceeding the maximum allowable power dissipation will
cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com