Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2249DN Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2249DN
Description  1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2249DN Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2249DN Datasheet HTML 4Page - Monolithic Power Systems MP2249DN Datasheet HTML 5Page - Monolithic Power Systems MP2249DN Datasheet HTML 6Page - Monolithic Power Systems MP2249DN Datasheet HTML 7Page - Monolithic Power Systems MP2249DN Datasheet HTML 8Page - Monolithic Power Systems MP2249DN Datasheet HTML 9Page - Monolithic Power Systems MP2249DN Datasheet HTML 10Page - Monolithic Power Systems MP2249DN Datasheet HTML 11Page - Monolithic Power Systems MP2249DN Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2249 – 6V, 3A, 1MHZ, SYNCHRONOUS STEP-DOWN CONVERTER
MP2249 Rev.1.0
www.MonolithicPower.com
10
11/2/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
PVIN
VIN
R4
75k
L1
2.2uH
R3
150k
C6
22uF
C7
22uF
C8
0.1uF
GND
EN
FB
SW
PG
C5
0.1uF
C4
1uF
R1
100k
R2
100k
C2
10uF
C3
0.1uF
GND
VIN
C1
10uF
4,5
10
9
1
PG
2,3
VOUT
GND
MP2249DQT
6,7,8
Figure 2—Typical application circuit of MP2249DQT
PVIN
R4
75k
L1
2.2uH
R3
150k
C6
22uF
C7
22uF
C8
0.1uF
GND
EN
FB
SW
PG
C5
0.1uF
R1
100k
R2
100k
C2
10uF
C3
0.1uF
GND
VIN
C1
10uF
4
8
7
5,6
1
PG
2,3
VOUT
GND
MP2249DN
Figure 3—Typical application circuit of MP2249DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com