Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2249DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2249DN
Description  1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2249DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2249DN Datasheet HTML 1Page - Monolithic Power Systems MP2249DN Datasheet HTML 2Page - Monolithic Power Systems MP2249DN Datasheet HTML 3Page - Monolithic Power Systems MP2249DN Datasheet HTML 4Page - Monolithic Power Systems MP2249DN Datasheet HTML 5Page - Monolithic Power Systems MP2249DN Datasheet HTML 6Page - Monolithic Power Systems MP2249DN Datasheet HTML 7Page - Monolithic Power Systems MP2249DN Datasheet HTML 8Page - Monolithic Power Systems MP2249DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP2249 – 6V, 3A, 1MHZ, SYNCHRONOUS STEP-DOWN CONVERTER
MP2249 Rev.1.0
www.MonolithicPower.com
3
11/2/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current
IQ
VEN = VIN, VFB = 0.51V
480
600
µA
Shutdown Current
VEN = 0V, VIN = 6V
0.01
1
µA
IN
Under
Voltage
Lockout
(UVLO) Threshold
Rising Edge
2.15
2.3
2.45
V
IN
Under
Voltage
Lockout
Hysteresis
210
mV
Soft-Start Time
1
ms
Discharge
MOSFET
On
Resistance
100
Ω
TA = +25°C
0.594
0.600
0.606
Regulated FB Voltage
VFB
-40°C ≤ TA ≤ +85°C
0.588
0.600
0.612
V
FB Input Bias Current
VFB = 0.65V
-50
0.5
+50
nA
PFET On Resistance
(5)
ISW = 100mA
92
mΩ
NFET On Resistance
(5)
ISW = -100mA
72
mΩ
SW Leakage Current
VEN = 0V,VIN = 6V,
VSW = 0V or 6V
-1
+1
µA
PFET Current Limit
(5)
ILIMIT
Duty Cycle = 100%,
Current Pulse Width
< 1ms
4.5
A
Oscillator Frequency
fSW
1
MHz
Minimum On Time
(5)
tON
100
ns
Thermal
Shutdown
Trip
Threshold
(5)
145
°C
EN Turn-on Trip Threshold
-40°C ≤ TA ≤ +85°C
1.8
V
EN Turn-off Trip Threshold
-40°C ≤ TA ≤ +85°C
0.4
V
EN-pull down resistor
360
450
540
kΩ
Latch Off Under Voltage (UV)
Threshold
67%
VFB
PG Upper Trip Threshold
90%
VFB
PG Lower Trip Threshold
85%
VFB
PG Output Low Voltage
ISINK=1mA
0.3
V
Notes:
5) 100% production test at +25°C. Typical and temperature specifications are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com