Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2270 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2270
Description  1.8A, 24V, 700kHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2270 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2270 Datasheet HTML 1Page - Monolithic Power Systems MP2270 Datasheet HTML 2Page - Monolithic Power Systems MP2270 Datasheet HTML 3Page - Monolithic Power Systems MP2270 Datasheet HTML 4Page - Monolithic Power Systems MP2270 Datasheet HTML 5Page - Monolithic Power Systems MP2270 Datasheet HTML 6Page - Monolithic Power Systems MP2270 Datasheet HTML 7Page - Monolithic Power Systems MP2270 Datasheet HTML 8Page - Monolithic Power Systems MP2270 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2270
1.8A, 24V, 700kHz
Step-Down Converter
MP2270 Rev. 1.1
www.MonolithicPower.com
1
4/16/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2270 is a monolithic step-down switch
mode converter with a built-in internal power
MOSFET. It achieves 1.8A continuous output
current over a wide input supply range with
excellent load and line regulation. Current mode
operation provides fast transient response and
eases
loop
stabilization.
Fault
condition
protection includes cycle-by-cycle current limiting
and thermal shutdown.
The MP2270 requires a minimum number of
readily available standard external components.
The MP2270 is available in a 10-pin exposed pad
MSOP package.
FEATURES
• 1.8A Continuous Output Current
• 0.3Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• 0.1μA Shutdown Mode
• Fixed 700kHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.5V to 24V Operating Input Range
• Output Adjustable from 0.81V to 20V
• Available in a 10-pin Exposed Pad MSOP
Package
APPLICATIONS
•
Broadband Communications Equipment
•
Digital Entertainment Systems
•
Distributed Power Systems
•
Battery Charger
•
Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2270
SW
FB
BST
5
6
8
10
3
1
GND
IN
EN
VOUT
3.3V
CB
10nF
D1
B230A
VIN
OFF ON
VIN
IOUT_MAX=1.8


Similar Part No. - MP2270

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2276 MPS-MP2276 Datasheet
1Mb / 23P
8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
MP2276GD MPS-MP2276GD Datasheet
1Mb / 23P
8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
MP2276GD MPS-MP2276GD Datasheet
1Mb / 8P
High Efficiency, 8A,16V Synchronous Step-down Converter Evaluation Board
logo
Texas Instruments
MP227EC TI1-MP227EC Datasheet
351Kb / 15P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MP227EI TI1-MP227EI Datasheet
351Kb / 15P
MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results

Similar Description - MP2270

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Microsemi Corporation
LX1918 MICROSEMI-LX1918 Datasheet
243Kb / 9P
1.8A Step-Down Synchronous Converter
logo
Diodes Incorporated
AP1533 DIODES-AP1533 Datasheet
160Kb / 8P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 1
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ_1 Datasheet
1Mb / 16P
1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
logo
Diodes Incorporated
AP1533 DIODES-AP1533_09 Datasheet
264Kb / 9P
PWM CONTROL 1.8A STEP-DOWN CONVERTER
AP1533 Rev. 4
logo
Richtek Technology Corp...
RT8258 RICHTEK-RT8258 Datasheet
401Kb / 12P
1.2A, 24V, 700kHz Step-Down Converter
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2371 MPS-MP2371 Datasheet
655Kb / 10P
1.8A, 24V, 700KHz Step-Down Converter
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Infineon Technologies A...
TLD5085EJ INFINEON-TLD5085EJ_15 Datasheet
528Kb / 19P
1.8A DC/DC Step-Down Converter
Revision 1.1 2015-03-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com