Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2200
Description  Power Schottky diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2200 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2200 Datasheet HTML 1Page - STMicroelectronics STPS2200 Datasheet HTML 2Page - STMicroelectronics STPS2200 Datasheet HTML 3Page - STMicroelectronics STPS2200 Datasheet HTML 4Page - STMicroelectronics STPS2200 Datasheet HTML 5Page - STMicroelectronics STPS2200 Datasheet HTML 6Page - STMicroelectronics STPS2200 Datasheet HTML 7Page - STMicroelectronics STPS2200 Datasheet HTML 8Page - STMicroelectronics STPS2200 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
April 2013
DocID024381 Rev 1
1/9
9
STPS2200
Power Schottky diode
Datasheet
production data
Features
 Low forward voltage drop
 Very small conduction losses
 Negligible switching losses
 Extremely fast switching
 Low thermal resistance
 -40°C minimum operating T
j
 ECOPACK®2 compliant component
Description
This device is a 200 V Schottky rectifier suited for
switch mode power supplies and high frequency
DC to DC converters.
Packaged in SMB, SMBflat, this device is
especially intended for use in low voltage, high
frequency inverters, freewheeling and polarity
protection. Also ideal for all LED lighting
applications.
Table 1. Device summary
Symbol
Value
IF(AV)
2 A
VRRM
200 V
Tj(max)
175 °C
VF(typ)
0.58 V
K
A
SMB
STPS2200U
A
K
K
A
SMBflat
STPS2200UF
www.st.com


Similar Part No. - STPS2200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS220CE STMICROELECTRONICS-STPS220CE Datasheet
215Kb / 2P
SCHOTTKY RETIFIER
More results

Similar Description - STPS2200

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED30KB45 SSDI-SED30KB45_1 Datasheet
81Kb / 2P
POWER SCHOTTKY DIODE
logo
STMicroelectronics
STPS20200C STMICROELECTRONICS-STPS20200C Datasheet
422Kb / 15P
Power Schottky diode
16-Oct-2013
logo
Solid States Devices, I...
SH0034 SSDI-SH0034 Datasheet
153Kb / 2P
SCHOTTKY POWER DIODE
SH0064B SSDI-SH0064B Datasheet
101Kb / 2P
POWER SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
1N8024-GA GENESIC-1N8024-GA Datasheet
782Kb / 5P
Power Schottky Diode
1N8026-GA GENESIC-1N8026-GA Datasheet
768Kb / 5P
Power Schottky Diode
1N8031-GA GENESIC-1N8031-GA Datasheet
676Kb / 5P
Power Schottky Diode
1N8034-GA GENESIC-1N8034-GA Datasheet
801Kb / 5P
Power Schottky Diode
GB02SHT03-46 GENESIC-GB02SHT03-46 Datasheet
557Kb / 4P
Power Schottky Diode
logo
Solid States Devices, I...
SH0064B SSDI-SH0064B_15 Datasheet
101Kb / 2P
POWER SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com