Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2200 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS2200
Description  Power Schottky diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2200 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS2200 Datasheet HTML 1Page - STMicroelectronics STPS2200 Datasheet HTML 2Page - STMicroelectronics STPS2200 Datasheet HTML 3Page - STMicroelectronics STPS2200 Datasheet HTML 4Page - STMicroelectronics STPS2200 Datasheet HTML 5Page - STMicroelectronics STPS2200 Datasheet HTML 6Page - STMicroelectronics STPS2200 Datasheet HTML 7Page - STMicroelectronics STPS2200 Datasheet HTML 8Page - STMicroelectronics STPS2200 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID024381 Rev 1
3/9
STPS2200
Characteristics
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Forward voltage drop versus forward
current
PF(AV)(W)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
T
δ=tp/T
tp
δ = 0.05
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
IF(AV)(A)
IF(A)
1.E-02
1.E-01
1.E+00
1.E+01
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T
j=125°C
(Typical values)
T
j=25°C
(Maximum values)
T
j=25°C
(Typical values)
Tj = 125°C
(Maximum values)
VF(V)
Figure 3. Reverse leakage current versus
reverse voltage applied (typical values)
Figure 4. Junction capacitance versus reverse
voltage applied (typical values)
IR(mA)
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
20
40
60
80
100
120
140
160
180
200
Tj = 150 °C
Tj = 50 °C
Tj = 100 °C
Tj = 125 °C
Tj = 25 °C
Tj = 75 °C
VR(V)
C(pF)
10
100
1000
1
10
100
1000
VR(V)
F = 1 MHz
VOSC = 30 mV
RMS
Tj = 25 °C
Figure 5. Relative variation of thermal
impedance junction to lead versus pulse
duration (SMB)
Figure 6. Relative variation of thermal
impedance junction to lead versus pulse
duration (SMBflat)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
SMB
Zth(j-l)/Rth(j-l)
tp(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
SMBflat
tp(s)
Zth(j-l)/Rth(j-l)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com