Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2200 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2200
Description  Power Schottky diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2200 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2200 Datasheet HTML 1Page - STMicroelectronics STPS2200 Datasheet HTML 2Page - STMicroelectronics STPS2200 Datasheet HTML 3Page - STMicroelectronics STPS2200 Datasheet HTML 4Page - STMicroelectronics STPS2200 Datasheet HTML 5Page - STMicroelectronics STPS2200 Datasheet HTML 6Page - STMicroelectronics STPS2200 Datasheet HTML 7Page - STMicroelectronics STPS2200 Datasheet HTML 8Page - STMicroelectronics STPS2200 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS2200
2/9
DocID024381 Rev 1
1
Characteristics
To evaluate the maximum conduction losses use the following equation:
P = 0.58 x IF(AV) + 0.03 IF
2
(RMS)
Note:
More information is available in the application notes:
AN604 Calculation of conduction losses in a power rectifier
AN4021 Calculation of reverse losses in a power diode
Table 2. Absolute ratings (limiting values, at 25 °C unless otherwise stated)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
Forward rms current
10
A
IF(AV)
Average forward current
 = 0.5, square wave
SMB
Tl = 145 °C
2A
SMBflat
Tl = 150 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal, Tl = 25 °C
100
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-40 to +175
°C
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
SMB
20
°C/W
SMBflat
15
Table 4. Static electrical characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
5µA
Tj = 125 °C
0.7
2.5
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 2 A
0.73
0.80
V
Tj = 125 °C
0.58
0.64
V
1. Pulse test: tp = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com