Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS611LSB Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS611LSB
Description  ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS611LSB Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS611LSB Datasheet HTML 1Page - Allegro MicroSystems ATS611LSB Datasheet HTML 2Page - Allegro MicroSystems ATS611LSB Datasheet HTML 3Page - Allegro MicroSystems ATS611LSB Datasheet HTML 4Page - Allegro MicroSystems ATS611LSB Datasheet HTML 5Page - Allegro MicroSystems ATS611LSB Datasheet HTML 6Page - Allegro MicroSystems ATS611LSB Datasheet HTML 7Page - Allegro MicroSystems ATS611LSB Datasheet HTML 8Page - Allegro MicroSystems ATS611LSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ATS632LSC
HALL-EFFECT
GEAR-TOOTH SENSOR
SUBASSEMBLY
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FEATURES AND BENEFITS
s
Non-Oriented Installation
s
Fully Optimized Gear-Tooth Sensors
s
Single-Chip Sensing IC for High Reliability
s
Zero-Speed Digital Output Representing Target
Profile
s
Extremely Low Timing Accuracy Drift with Tempera-
ture
s
Large Operating Air Gaps
s
Optimized Magnetic Circuit
s
Self-Calibrating Circuitry
with Integrated Offset Cancellation
6-bit A/D Converters to Capture Peaks
Thresholds Proportional to Peak-to-Peak Signals
FUNCTIONAL BLOCK DIAGRAM
600
400
200
40
80
120
160
0
AMBIENT TEMPERATURE IN
°C
Dwg. GH-065-2
60
100
140
180
20
800
1200
RθJA = 119
°C/W
1000
REG
SUPPLY
1
X
MAGNET
THRESHOLD
PEAK
CURRENT
LIMIT
NEGATIVE PEAK
TRACK & HOLD
POSITIVE PEAK
TRACK & HOLD
OUTPUT
GROUND
Dwg. FH-015-3
2
3
+
GAIN
OFFSET
330 pF
100
W
Copyright © 1998, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com