Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS611LSB Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS611LSB
Description  ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS611LSB Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS611LSB Datasheet HTML 1Page - Allegro MicroSystems ATS611LSB Datasheet HTML 2Page - Allegro MicroSystems ATS611LSB Datasheet HTML 3Page - Allegro MicroSystems ATS611LSB Datasheet HTML 4Page - Allegro MicroSystems ATS611LSB Datasheet HTML 5Page - Allegro MicroSystems ATS611LSB Datasheet HTML 6Page - Allegro MicroSystems ATS611LSB Datasheet HTML 7Page - Allegro MicroSystems ATS611LSB Datasheet HTML 8Page - Allegro MicroSystems ATS611LSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ATS632LSC
HALL-EFFECT
GEAR-TOOTH SENSOR
SUBASSEMBLY
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating, TJ < 165°C
6.0
12
24
V
Under-Voltage Lockout
VCC(UV)
IOUT = 5 mA, VCC = 0 ¡ 6 V
–
5.0
–
V
Low Output Voltage
VOUT(L)
IOUT = 5 mA, Output ON
–
0.7
1.6
V
Output Current Limit
IOUTM
VOUT = 12 V
25
45
55
mA
Output Leakage Current
IOFF
VOUT = 24 V, Output OFF
–
5.0
10
µA
Supply Current
ICC
Output OFF, Target Speed = 0 RPM
–
9.0
15
mA
Calibration Count
ncal
Output falling mechanical edges
16
16
16
Pulses
after power on for startup calibration
to be complete
Calibration Update
nup
Output falling mechanical edges
64
64
64
Pulses
for the threshold calibration to be
complete
Power-On Time
tpo
VCC > 6 V
–
200
500
µs
Output Rise Time
tr
RL = 2.5 kΩ, CL = 10 pF
–
3.0
6.0
µs
Output Fall Time
tf
RL = 2.5 kΩ, CL = 10 pF
–
1.0
3.0
µs
ELECTRICAL CHARACTERISTICS over operating voltage and temperature range (unless
otherwise specified).
NOTE: Typical data is at VCC = 12 V and TA = +25°C and is for design information only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com