Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS611LSB Datasheet (PDF) - Allegro MicroSystems

ATS611LSB Datasheet PDF - Allegro MicroSystems
Part # ATS611LSB
Download  ATS611LSB Download
File Size   75.92 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR

ATS611LSB Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS611LSB Datasheet PDF - Allegro MicroSystems

Part # ATS611LSB
Download  ATS611LSB Click to download

File Size   75.92 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR

ATS611LSB Datasheet (HTML) - Allegro MicroSystems


ATS611LSB Product details

The ATS632LSC gear-tooth sensor is an optimized Hall-effect IC/magnet combination that provides tooth/valley recognition and extremely accurate tooth edge detection when used with large-pitch targets. The sensor subassembly consists of a high-temperature plastic shell that holds together a compound samarium-cobalt magnet, a single-element self-calibrating Hall-effect IC that has been optimized to the magnetic circuit, and a voltage regulator. This small package, with its non-oriented operation, can be easily assembled and used in conjunction with a number of gear configurations.

FEATURES AND BENEFITS
■ Non-Oriented Installation
■ Fully Optimized Gear-Tooth Sensors
■ Single-Chip Sensing IC for High Reliability
■ Zero-Speed Digital Output Representing Target Profile
■ Extremely Low Timing Accuracy Drift with Temperature
■ Large Operating Air Gaps
■ Optimized Magnetic Circuit
■ Self-Calibrating Circuitry
   with Integrated Offset Cancellation
   6-bit A/D Converters to Capture Peaks
   Thresholds Proportional to Peak-to-Peak Signals

Supply Voltage, VCC ......................... 24 V
Reverse Supply Voltage,
VRCC (1 minute max.)................ -24 V
Output OFF Voltage, VOUT................ 24 V
Output Current, IOUT .. Internally Limited
Reverse Output Current, IOUT ........ 50 mA
Package Power Dissipation, PD .................................... See Graph
Operating Temperature Range, TA ........................... -40°C to +150°C
Storage Temperature, TS ............ +170°C




Similar Part No. - ATS611LSB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS611LSB ALLEGRO-ATS611LSB Datasheet
182Kb / 16P
DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
ATS611LSB ALLEGRO-ATS611LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS611LSB ALLEGRO-ATS611LSB Datasheet
214Kb / 16P
TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
ATS611LSB ALLEGRO-ATS611LSB Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
More results


Similar Description - ATS611LSB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSA ALLEGRO-ATS632LSA Datasheet
118Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSG ALLEGRO-ATS612LSG Datasheet
415Kb / 15P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS616LSG ALLEGRO-ATS616LSG Datasheet
444Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
ATS616 ALLEGRO-ATS616 Datasheet
421Kb / 14P
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com