Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2377DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2377DN
Description  3A, 21V, 600kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2377DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2377DN Datasheet HTML 1Page - Monolithic Power Systems MP2377DN Datasheet HTML 2Page - Monolithic Power Systems MP2377DN Datasheet HTML 3Page - Monolithic Power Systems MP2377DN Datasheet HTML 4Page - Monolithic Power Systems MP2377DN Datasheet HTML 5Page - Monolithic Power Systems MP2377DN Datasheet HTML 6Page - Monolithic Power Systems MP2377DN Datasheet HTML 7Page - Monolithic Power Systems MP2377DN Datasheet HTML 8Page - Monolithic Power Systems MP2377DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP2377 – 3A, 21V, 600KHz STEP-DOWN CONVERTER
MP2377 Rev. 0.92
www.MonolithicPower.com
3
4/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
Switch Output.
2
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BS pins to form a floating supply across the power
switch driver.
3
VCC
Bias Supply. Decouple this pin with a 1µF ceramic capacitor.
4
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason
care must be taken in its layout. This node should be placed outside of the D1 to C1 ground
path to prevent switching current spikes from inducing voltage noise into the part.
5
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets
the output voltage. To prevent current limit run away during a short circuit fault condition the
frequency foldback comparator lowers the oscillator frequency when the FB voltage is
below 250mV.
6
PG
Power Good Indicator. Connect this pin to VCC or VOUT by a 100kΩ pull-up resistor. The
output of this pin is low if the output voltage is 10% less than the nominal voltage, otherwise
it is an open drain.
7
EN/SYNC On/Off Control Input and Synchronization Pin.
8
IN
Supply Voltage. The MP2377 operates from a +4.5V to +21V unregulated input. C1 is
needed to prevent large voltage spikes from appearing at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com