Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2377DN Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2377DN
Description  3A, 21V, 600kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2377DN Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2377DN Datasheet HTML 2Page - Monolithic Power Systems MP2377DN Datasheet HTML 3Page - Monolithic Power Systems MP2377DN Datasheet HTML 4Page - Monolithic Power Systems MP2377DN Datasheet HTML 5Page - Monolithic Power Systems MP2377DN Datasheet HTML 6Page - Monolithic Power Systems MP2377DN Datasheet HTML 7Page - Monolithic Power Systems MP2377DN Datasheet HTML 8Page - Monolithic Power Systems MP2377DN Datasheet HTML 9Page - Monolithic Power Systems MP2377DN Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP2377 – 3A, 21V, 600KHz STEP-DOWN CONVERTER
MP2377 Rev. 0.92
www.MonolithicPower.com
6
4/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
IN
EN/SYNC
FB
GND
SW
BST
REGULATOR
OSCILLATOR
600KHz
DRIVER
CURRENT SENSE
AMPLIFIER
x40
ERROR
AMPLIFIER
CURRENT
LIMIT
COMPARATOR
PWM
COMPARATOR
D2
REGULATOR
REFERENCE
--
+
--
+
--
+
S
R
R
Q
VCC
PG
POWER
GOOD
0.81 VREF
Figure 1—Functional Block Diagram
The MP2377 is a fixed frequency, step-down
switching regulator with an integrated high-side
power MOSFET. It achieves 3A continuous
output current over a wide input supply range
with excellent load and line regulation. It
provides a single highly efficient solution with
current mode control for fast loop response and
easy compensation.
The MP2377 operates in a fixed frequency,
peak current control mode to regulate the
output voltage. A PWM cycle is initiated by the
internal clock. The integrated high-side power
MOSFET is turned on and remains on until its
current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If, in
90% of one PWM period, the current in the
power MOSFET does not reach the COMP set
current value, the power MOSFET will be
forced to turn off.
Power Good Indicator
When the FB is below 0.74V, the PG pin will be
internally pulled low. When the FB is above
0.74V, the PG becomes an open-drain output.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal 0.808V reference (REF) and
outputs a current proportional to the difference
between the two. This output current is then
used to charge or discharge the internal
compensation network to form the COMP
voltage, which is used to control the power
MOSFET current. The optimized internal
compensation network minimizes the external
component counts and simplifies the control
loop design.
Internal Regulator
Most of the internal circuitries are powered from
the 5V internal regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN is greater than 5.0V, the output of
the regulator is in full regulation. When VIN is
lower than 5.0V, the output decreases. Since
this internal regulator provides the bias current
for the bottom gate driver that requires
significant amount of current depending upon
the external MOSFET selection, a 1uF ceramic
capacitor for decoupling purpose is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com