Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2377DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2377DN
Description  3A, 21V, 600kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2377DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2377DN Datasheet HTML 1Page - Monolithic Power Systems MP2377DN Datasheet HTML 2Page - Monolithic Power Systems MP2377DN Datasheet HTML 3Page - Monolithic Power Systems MP2377DN Datasheet HTML 4Page - Monolithic Power Systems MP2377DN Datasheet HTML 5Page - Monolithic Power Systems MP2377DN Datasheet HTML 6Page - Monolithic Power Systems MP2377DN Datasheet HTML 7Page - Monolithic Power Systems MP2377DN Datasheet HTML 8Page - Monolithic Power Systems MP2377DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2377
3A, 21V, 600kHz
Step-Down Converter
MP2377 Rev. 0.92
www.MonolithicPower.com
1
4/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2377 is a monolithic step-down switch
mode converter with a built in high-side power
MOSFET. It achieves 3A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes current limiting
and thermal shutdown.
The MP2377 requires a minimum number of
readily available standard external components
and is available in 8-pin SOIC packages with
exposed pad.
FEATURES
• Wide 4.5V to 21V Operating Input Range
• 3A Output Current
• 100mΩ Internal Power MOSFET Switch
• Power Good Indicator
• Fixed 600kHz Frequency
• Synchronizable to >1MHz External Clock
• Over Current Latch Off Protection
• Thermal Shutdown
• Output Adjustable from 0.81V
• Stable with Low ESR Output Ceramic
Capacitors
• Available in Thermally Enhanced 8-Pin
SOIC Packages
• Supports Soft-Start into Pre-Biased Output
APPLICATIONS
•
Distributed Power Systems
•
Battery Charger
•
Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2377 SW
FB
BST
1
5
4
2
GND
IN
EN/SYNC
VIN
OFF ON
PG
POWER
GOOD
VCC
8
7
6
3
100
80
60
40
20
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
LOAD CURRENT (A)
Efficiency vs
Load Current
VIN=12V
VIN=5V


Similar Part No. - MP2377DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP23701 MPS-MP23701 Datasheet
547Kb / 15P
24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
3/22/2019 Rev. 1.0
MP23701GQEU MPS-MP23701GQEU Datasheet
547Kb / 15P
24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
3/22/2019 Rev. 1.0
MP23701GQEU-Z MPS-MP23701GQEU-Z Datasheet
547Kb / 15P
24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
3/22/2019 Rev. 1.0
MP2370DJ MPS-MP2370DJ Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
More results

Similar Description - MP2377DN

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8287 RICHTEK-RT8287 Datasheet
348Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8288 RICHTEK-RT8288 Datasheet
325Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2380 MPS-MP2380 Datasheet
371Kb / 11P
5A, 21V, 600KHz Step-Down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
logo
SHOUDING Shouding Semic...
SD8910 SHOUDING-SD8910 Datasheet
2Mb / 14P
2A , 21V 600KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com