Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23701 Datasheet (PDF) - Monolithic Power Systems

MP23701 Datasheet PDF - Monolithic Power Systems
Part # MP23701
Download  MP23701 Download
File Size   547.22 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver

MP23701 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP23701 Datasheet PDF - Monolithic Power Systems

Part # MP23701
Download  MP23701 Click to download

File Size   547.22 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver

MP23701 Datasheet (HTML) - Monolithic Power Systems


MP23701 Product details

DESCRIPTION
The MP23701 is a 24V, monolithic, synchronous, step-down, white LED driver with a built-in power MOSFET and rectifier. The MP23701 can achieve up to 2A of continuous output current with excellent load and line regulation. Peak-current mode operation provides fast transient response and easy loop stabilization.
The MP23701 implements deep analog dimming. Full protection features include cycleby-cycle peak-current limiting, output shortcircuit protection (SCP), open LED protection, NTC thermal protection, and thermal shutdown.
The MP23701 requires a minimal number of readily available, standard, external components and is available in a UTQFN-8 (1.5mmx2.5mm) package.

FEATURES
 4.2V to 24V Wide Input Range
 Synchronous Step-Down Converter
 100mΩ Internal High-Side Power MOSFET
 80mΩ Internal Low-Side Synchronous Rectifier
 Peak-Current Mode Control
 Up to 2A Continuous Output Current
 100mV Feedback Voltage
 Up to 97% Efficiency
 Fixed 1.5MHz Switching Frequency
 Analog Dimming
 Cycle-by-Cycle Current Limit
 Inherent LED Open Protection
 Output Short-Circuit Protection (SCP)
 NTC Thermal Protection
 Thermal Shutdown
 Auto-Restart Function
 Available in a UTQFN-8 (1.5mmx2.5mm) Packages

APPLICATIONS
 Infrared LED Drivers
 General LED Drivers
 Flashlights
 Handheld Computer Backlight




Similar Part No. - MP23701

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP2370DJ MPS-MP2370DJ Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP2370DJ MPS-MP2370DJ Datasheet
147Kb / 4P
1.2A, 24V, 1.4MHz Step-Down White LED Driver Evaluation Board
More results


Similar Description - MP23701

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3217 E-CMOS-EC3217 Datasheet
710Kb / 16P
1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2410 MPS-MP2410 Datasheet
511Kb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down LED Driver
MP2410A MPS-MP2410A Datasheet
1Mb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down, LED Driver
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
1.5MHz, 2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05208 UTC-UD05208 Datasheet
242Kb / 5P
1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com