Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23701 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP23701
Description  24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP23701 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP23701 Datasheet HTML 3Page - Monolithic Power Systems MP23701 Datasheet HTML 4Page - Monolithic Power Systems MP23701 Datasheet HTML 5Page - Monolithic Power Systems MP23701 Datasheet HTML 6Page - Monolithic Power Systems MP23701 Datasheet HTML 7Page - Monolithic Power Systems MP23701 Datasheet HTML 8Page - Monolithic Power Systems MP23701 Datasheet HTML 9Page - Monolithic Power Systems MP23701 Datasheet HTML 10Page - Monolithic Power Systems MP23701 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP23701 – 24V, 2A, 1.5MHZ, SYNCHRONOUS, STEP-DOWN, LED DRIVER
MP23701 Rev. 1.0
www.MonolithicPower.com
7
3/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMACE CHARACTERISTICS
Performance waveforms are tested on the evaluation board.
VIN = 12V, 2 WLEDs in series, VOUT = 5.9V, ILED = 1.5A, L = 4.7μH, TA = 25°C, unless otherwise
noted.
VDIM ANALOG LEVEL (V)
VOUT (V)
VOUT (V)
Line Regulation
2 WLEDs in series
Analog Dimming Curve
NTC Curve
VIN (V)
VNTC LEVEL (V)
VIN (V)
Efficiency vs. VIN
2 WLEDs in series
84
86
88
90
92
94
96
98
100
6 8 10 12 14 16 18 20 22 24 26
76
79
82
85
88
91
94
97
100
0123456789 10 11
VIN=12V
VIN=5V
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
6 8 10 12 14 16 18 20 22 24 26
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
0123456789 10 11
VIN=12V
VIN=5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
VDIM Rising
VDIM Falling
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.3
0.5
0.7
0.9
1.1
1.3
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com