Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23701 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP23701
Description  24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP23701 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP23701 Datasheet HTML 7Page - Monolithic Power Systems MP23701 Datasheet HTML 8Page - Monolithic Power Systems MP23701 Datasheet HTML 9Page - Monolithic Power Systems MP23701 Datasheet HTML 10Page - Monolithic Power Systems MP23701 Datasheet HTML 11Page - Monolithic Power Systems MP23701 Datasheet HTML 12Page - Monolithic Power Systems MP23701 Datasheet HTML 13Page - Monolithic Power Systems MP23701 Datasheet HTML 14Page - Monolithic Power Systems MP23701 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP23701 – 24V, 2A, 1.5MHZ, SYNCHRONOUS, STEP-DOWN, LED DRIVER
MP23701 Rev. 1.0
www.MonolithicPower.com
11
3/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Analog Dimming
Apply a DC signal on EN/DIM to dim the
MP23701 in analog dimming mode. When the
voltage on EN/DIM is lower than VADIM_MIN, the
LED current is regulated to the minimum scale.
When the voltage on EN/DIM is between
VADIM_MIN and VADIM_MAX, the LED current
changes from the minimum scale to the full
scale of the LED current. If the voltage on
EN/DIM is higher than VADIM_MAX, the maximum
LED current is regulated.
Figure 3 shows the analog dimming curve. Due
to the hysteretic of the EN/DIM on/off threshold,
the chip remains at the minimal LED current
longer at the VEN/DIM falling edge until VEN/DIM is
lower than VEN_OFF. The dimming curve is the
same as in the linear dimming range.
Figure 3: Analog Dimming Curve
Open LED
If the LED is open without a feedback signal,
the MP23701 works at the maximum duty cycle,
and the output voltage rises up almost to the
input voltage. Every power component operates
at a safe state.
LED Short-Circuit Protection (SCP)
The MP23701 integrates LED short-circuit
protection (SCP) circuitry. There are several
features protecting the MP23701 from damage
when an LED short circuit occurs.
The MP23701 uses a cycle-by-cycle current
limit to restrict the maximum current of the
inductor. A protection mechanism monitors the
FB level though an internal R-C filter. Once the
FB level rises up to VFB_BURST_AL, the chip stops
switching until the FB level drops to a lower
value, and the system works in burst mode.
In the worst-case scenario, the LED is shorted
to GND. If the cycle-by-cycle current-limit
function cannot clamp the current overshoot
sufficiently, then the current through both the
HS-FET and LS-FET is also monitored by the
over-current detector inside the chip. If this
current is higher than the short-circuit threshold
(IOCP), the MP23701 treats this as a short-circuit
condition.
When an over-current condition or short-circuit
condition is detected, the MP23701 turns off
both the HS-FET and LS-FET for 2.4ms and
restarts. During this period, VCOMP is pulled
down to ground, so the restart from the fault
condition is also done with a soft start.
Thermal Protection
NTC provides LED thermal protection. An NTC
resistor
used
to
monitor
the
ambient
temperature can be connected to NTC directly.
There is an internal current source flowing out
of
NTC.
The
corresponding
voltage
is
generated on the external NTC resistor and the
LED current changes (see Figure 4).
Figure 4: NTC Curve
The NTC resistance value drops when the
ambient temperature rises up. If the NTC
voltage drops below VSD_NTC, the switching
stops completely, and the LED current drops to
0A, so the LED lamp can be shut down by
pulling NTC down.
Additionally, to protect against any lethal
thermal damage, when the inner temperature
exceeds the over-temperature protection (OTP)
threshold, the MP23701 uses thermal shutdown
to shut down the switching cycle until the
temperature drops to its lower threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com