Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23701 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP23701
Description  24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP23701 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP23701 Datasheet HTML 7Page - Monolithic Power Systems MP23701 Datasheet HTML 8Page - Monolithic Power Systems MP23701 Datasheet HTML 9Page - Monolithic Power Systems MP23701 Datasheet HTML 10Page - Monolithic Power Systems MP23701 Datasheet HTML 11Page - Monolithic Power Systems MP23701 Datasheet HTML 12Page - Monolithic Power Systems MP23701 Datasheet HTML 13Page - Monolithic Power Systems MP23701 Datasheet HTML 14Page - Monolithic Power Systems MP23701 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP23701 – 24V, 2A, 1.5MHZ, SYNCHRONOUS, STEP-DOWN, LED DRIVER
MP23701 Rev. 1.0
www.MonolithicPower.com
13
3/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the LED Current
A current sense resistor is inserted between the
anode of LED and GND. The current sense
resistor value can be calculated with Equation
(1):
S
LED
0.1V
R
I
(1)
For a 2A LED current output, RS is 50mΩ.
Selecting the Inductor
An inductor less than 100µH with a nominal DC
current rating at least 25% higher than the
maximum load current is recommended for
most applications. For the highest efficiency,
the inductor’s DC resistance should be less
than 100mΩ. For most designs, the required
inductance value can be derived from Equation
(2):
OUT
IN
OUT
IN
L
SW
V(V
V
)
L
VI
f

 
(2)
Where ∆IL is the inductor ripple current.
Choose the inductor ripple current to be 30% of
the maximum load current. The maximum
inductor peak current can be calculated with
Equation (3):
L
L(MAX)
LED
I
II
2

(3)
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should
be less than the source impedance to prevent
the high-frequency switching current from
passing through the input. Ceramic capacitors
with X5R or X7R dielectrics are highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 10µF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps the output current
ripple small and ensures feedback loop stability.
The output capacitor impedance should be low
at the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended
for their low ESR characteristics. For most
applications, a 10µF ceramic capacitor is
sufficient.
PCB Layout Guidelines
Efficient PCB layout is critical for stable
operation. For best results, follow the guidelines
below.
1. Place the high-current paths (GND, VIN,
and SW) very close to the device with short,
direct, and wide traces.
2. Place the input capacitor as close to VIN
and GND as possible.
3. Place the external feedback resistors next
to FB.
4. Keep the switch node traces short and away
from the feedback network.
For more information, please refer to the related
evaluation board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com