Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23701 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP23701
Description  24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP23701 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP23701 Datasheet HTML 1Page - Monolithic Power Systems MP23701 Datasheet HTML 2Page - Monolithic Power Systems MP23701 Datasheet HTML 3Page - Monolithic Power Systems MP23701 Datasheet HTML 4Page - Monolithic Power Systems MP23701 Datasheet HTML 5Page - Monolithic Power Systems MP23701 Datasheet HTML 6Page - Monolithic Power Systems MP23701 Datasheet HTML 7Page - Monolithic Power Systems MP23701 Datasheet HTML 8Page - Monolithic Power Systems MP23701 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP23701 – 24V, 2A, 1.5MHZ, SYNCHRONOUS, STEP-DOWN, LED DRIVER
MP23701 Rev. 1.0
www.MonolithicPower.com
3
3/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
NC
No connection.
2
VIN
Supply voltage. The MP23701 operates on a 4.2V to 24V unregulated input range.
An input capacitor is needed to prevent large voltage spikes from appearing at the
input.
3
SW
Switch output.
4
GND
Ground. GND is the voltage reference for the regulated output voltage. Pay careful
attention to GND during layout.
5
BST
Bootstrap. Connect a capacitor between SW and BST to form a floating supply
across the power switch driver. This capacitor is needed to drive the power switch’s
gate above the supply voltage.
6
EN/DIM
On/off control input and dimming command input. Leave EN/DIM floating or apply
a voltage higher than 0.59V on EN/DIM to turn on the MP23701. For analog dimming,
when the EN/DIM voltage rises up from 0.7V to 1.44V, the output current changes
from its minimum value to the full-scale LED current.
7
FB
Current sense feedback voltage. The FB internal reference voltage is 0.1V.
8
NTC
LED temperature protection. Connect an NTC resistor from NTC to GND to reduce
the output current to protect the LED when the ambient temperature rises up at high
levels.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ...................................... 26V
VSW ........................................ -0.3V to VIN + 0.3V
VBST........................................................VSW + 6V
All other pins ................................... -0.3V to +6V
Continuous power dissipation (TA = 25°C) (2)
UTQFN-8 (1.5mm x 2.5mm).....................1.39W
Junction temperature ................................ 150°C
Lead temperature...................................... 260°C
Storage temperature.................-65°C to +150°C
ESD capability human body mode ............ 2.0kV
Recommended Operating Conditions (3)
Supply voltage (VIN) ......................... 4.2V to 24V
Operating junction temp. (TJ).. …-40°C to 125°C
Thermal Resistance (4)
θJA
θJC
UTQFN-8 (1.5mmx2.5mm) ...... 90 ..... 20 ...°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com