Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2380DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2380DN
Description  5A, 21V, 600KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2380DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2380DN Datasheet HTML 1Page - Monolithic Power Systems MP2380DN Datasheet HTML 2Page - Monolithic Power Systems MP2380DN Datasheet HTML 3Page - Monolithic Power Systems MP2380DN Datasheet HTML 4Page - Monolithic Power Systems MP2380DN Datasheet HTML 5Page - Monolithic Power Systems MP2380DN Datasheet HTML 6Page - Monolithic Power Systems MP2380DN Datasheet HTML 7Page - Monolithic Power Systems MP2380DN Datasheet HTML 8Page - Monolithic Power Systems MP2380DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2380 – 5A, 21V, 600KHz STEP-DOWN CONVERTER
MP2380 Rev.1.2
www.MonolithicPower.com
4
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 4.7µH, TA = +25ºC, unless otherwise noted.
VPG
5V/div.
VOUT
1V/div.
VSW
10V/div.
VOUT
10mV/div.
VSW
10V/div.
IL
2A/div.
IL
10A/div.
400ns/div.
Short Circuit Steady
1ms/div.
Startup Through Enable
No Load
Output Ripple
IOUT = 5A
VOUT
2V/div.
VEN
5V/div.
VPG
5V/div.
Power Down
IOUT = 5A
Input Ripple Voltage
Load Transient Response
IOUT = 3A to 6A step @ 1A/µ s
1ms/div.
Startup Through Enable
IOUT = 5A (Resistive Load)
VOUT
2V/div.
VPG
5V/div.
VEN
5V/div.
1ms/div.
Power Up
IOUT = 5A (Resistive Load)
VIN
10V/div.
VOUT
1V/div.
VPG
5V/div.
VIN
10V/div.
IL
5A/div.
VOUT
2V/div.
VPG
5V/div.
VIN
100mV/div.
VSW
5V/div.
VOUT,AC
100mV/div.
VSW
10V/div.
IL
5A/div.
100
95
90
85
80
75
70
65
60
55
50
12
4
5
3
OUTPUT CURRENT (A)
VIN=4.5V
VIN=12V
Efficiency vs
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com