Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2380DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2380DN
Description  5A, 21V, 600KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2380DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2380DN Datasheet HTML 1Page - Monolithic Power Systems MP2380DN Datasheet HTML 2Page - Monolithic Power Systems MP2380DN Datasheet HTML 3Page - Monolithic Power Systems MP2380DN Datasheet HTML 4Page - Monolithic Power Systems MP2380DN Datasheet HTML 5Page - Monolithic Power Systems MP2380DN Datasheet HTML 6Page - Monolithic Power Systems MP2380DN Datasheet HTML 7Page - Monolithic Power Systems MP2380DN Datasheet HTML 8Page - Monolithic Power Systems MP2380DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2380
5A, 21V, 600KHz
Step-Down Converter
MP2380 Rev.1.2
www.MonolithicPower.com
1
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2380 is a monolithic step-down switch
mode converter with a built in high-side power
MOSFET. It achieves 5A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP2380 requires a minimum number of
readily available standard external components
and is available in an 8-pin SOIC package with
exposed pad.
FEATURES
• Wide 4.5V to 21V Operating Input Range
• 5A Continuous Output Current
• 45mΩ Internal Power MOSFET Switch
• Power Good Indicator
• Fixed 600KHz Frequency
• Synchronizable Up to 1.5 MHz
• Cycle-by-Cycle Over Current Protection
• Thermal Shutdown
• Output Adjustable from 0.8V
• Stable with Low ESR Output Ceramic
Capacitors
• Available in a Thermally Enhanced 8-Pin
SOIC Package
APPLICATIONS
•
Distributed Power Systems
•
Battery Charger
•
Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2380 SW
FB
BST
1
5
4
2
GND
IN
EN/SYNC
VOUT
3.3V @ 5A
D1
B530C
VIN
OFF ON
PG
POWER
GOOD
VCC
VCC
8
7
6
3
100
95
90
85
80
75
70
65
60
55
50
12
45
3
OUTPUT CURRENT (A)
VIN=4.5V
VIN=12V
VOUT=3.3V
Efficiency vs
Output Current


Similar Part No. - MP2380DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2388 MPS-MP2388 Datasheet
1Mb / 18P
1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
MP2388GQEU MPS-MP2388GQEU Datasheet
1Mb / 18P
1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
logo
Texas Instruments
MP238EC TI1-MP238EC Datasheet
899Kb / 22P
LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
More results

Similar Description - MP2380DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2377 MPS-MP2377 Datasheet
508Kb / 11P
3A, 21V, 600kHz Step-Down Converter
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
21V, 5A, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
21V, 4A, 500kHz Synchronous Step-down Converter
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
21V, 5A, 1.1MHz Synchronous Step-down Converter
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
logo
Fitipower Integrated Te...
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
logo
SHOUDING Shouding Semic...
SD8910 SHOUDING-SD8910 Datasheet
2Mb / 14P
2A , 21V 600KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com