Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2380DN Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2380DN
Description  5A, 21V, 600KHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2380DN Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2380DN Datasheet HTML 1Page - Monolithic Power Systems MP2380DN Datasheet HTML 2Page - Monolithic Power Systems MP2380DN Datasheet HTML 3Page - Monolithic Power Systems MP2380DN Datasheet HTML 4Page - Monolithic Power Systems MP2380DN Datasheet HTML 5Page - Monolithic Power Systems MP2380DN Datasheet HTML 6Page - Monolithic Power Systems MP2380DN Datasheet HTML 7Page - Monolithic Power Systems MP2380DN Datasheet HTML 8Page - Monolithic Power Systems MP2380DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP2380 – 5A, 21V, 600KHz STEP-DOWN CONVERTER
MP2380 Rev.1.2
www.MonolithicPower.com
5
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 3.3V, L = 4.7µH, TA = +25ºC, unless otherwise noted.
Enabled Supply Current
vs. Input Voltage
1100
1050
1000
950
900
0
5
10
15
20
25
INPUT VOLTAGE (V)
Peak Current vs.
Duty Cycle
10
0
2
4
6
8
10
30
50
70
90
DUTY CYCLE (%)
80
70
60
50
40
30
20
10
0
01234
6
5
OUTPUT CURRENT (A)
1.0002
1.0000
0.9998
0.9996
0.9994
0.9992
0.9990
0.9998
0.9986
01234
6
5
OUTPUT CURRENT (A)
1.0025
1.0020
1.0015
1.0010
1.0000
0.9995
0.9990
0.9985
0.9980
0
5
10
15
20
25
INPUT VOLTAGE (V)
Case Temperature vs.
Output Current
Load Regulation
Disabled Supply Current
vs. Input Voltage
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0
5
10
15
20
25
INPUT VOLTAGE (V)
Internal Regulator Line
Regulation (IBYP = 10mA)
4.9
4.7
4.5
4.3
4.1
3.9
3.7
3.5
45
4.5
5.5
6
6.5
7
INPUT VOLTAGE (A)
VIN=12V
IOUT =0A
IOUT =2.5A
IOUT =5A
VIN=20V
Line Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com