Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25C080 Datasheet(PDF) 3 Page - Microchip Technology

Part # 25C080
Description  8K SPI Bus Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25C080 Datasheet(HTML) 3 Page - Microchip Technology

  25C080 Datasheet HTML 1Page - Microchip Technology 25C080 Datasheet HTML 2Page - Microchip Technology 25C080 Datasheet HTML 3Page - Microchip Technology 25C080 Datasheet HTML 4Page - Microchip Technology 25C080 Datasheet HTML 5Page - Microchip Technology 25C080 Datasheet HTML 6Page - Microchip Technology 25C080 Datasheet HTML 7Page - Microchip Technology 25C080 Datasheet HTML 8Page - Microchip Technology 25C080 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2004 Microchip Technology Inc.
DS21230D-page 3
25AA080/25LC080/25C080
1.2
AC Characteristics
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
VCC = 1.8V to 5.5V
Automotive (E): TA = -40°C to +125°C
VCC = 4.5V to 5.5V (25C080 only)
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
1FCLK
Clock Frequency
3
2
1
MHz
MHz
MHz
VCC = 4.5V to 5.5V
VCC = 2.5V to 4.5V
VCC = 1.8V to 2.5V
2TCSS
CS Setup Time
100
250
500
ns
ns
ns
VCC = 4.5V to 5.5V
VCC = 2.5V to 4.5V
VCC = 1.8V to 2.5V
3TCSH
CS Hold Time
150
250
475
ns
ns
ns
VCC = 4.5V to 5.5V
VCC = 2.5V to 4.5V
VCC = 1.8V to 2.5V
4TCSD
CS Disable Time
500
ns
5
Tsu
Data Setup Time
30
50
50
ns
ns
ns
VCC = 4.5V to 5.5V
VCC = 2.5V to 4.5V
VCC = 1.8V to 2.5V
6THD
Data Hold Time
50
100
100
ns
ns
ns
VCC = 4.5V to 5.5V
VCC = 2.5V to 4.5V
VCC = 1.8V to 2.5V
7TR
CLK Rise Time
2
µs
(Note 1)
8TF
CLK Fall Time
2
µs
(Note 1)
9THI
Clock High Time
150
230
475
ns
ns
ns
VCC = 4.5V to 5.5V
VCC = 2.5V to 4.5V
VCC = 1.8V to 2.5V
10
TLO
Clock Low Time
150
230
475
ns
ns
ns
VCC = 4.5V to 5.5V
VCC = 2.5V to 4.5V
VCC = 1.8V to 2.5V
11
TCLD
Clock Delay Time
50
ns
12
TCLE
Clock Enable Time
50
ns
13
TV
Output Valid from Clock Low
150
230
475
ns
ns
ns
VCC = 4.5V to 5.5V
VCC = 2.5V to 4.5V
VCC = 1.8V to 2.5V
14
THO
Output Hold Time
0
ns
(Note 1)
15
TDIS
Output Disable Time
200
250
500
ns
ns
ns
VCC = 4.5V to 5.5V (Note 1)
VCC = 2.5V to 4.5V (Note 1)
VCC = 1.8V to 2.5V (Note 1)
16
THS
HOLD Setup Time
100
100
200
ns
ns
ns
VCC = 4.5V to 5.5V
VCC = 2.5V to 4.5V
VCC = 1.8V to 2.5V
17
THH
HOLD Hold Time
100
100
200
ns
ns
ns
VCC = 4.5V to 5.5V
VCC = 2.5V to 4.5V
VCC = 1.8V to 2.5V
18
THZ
HOLD Low to Output High-Z
100
150
200
ns
ns
ns
VCC = 4.5V to 5.5V (Note 1)
VCC = 2.5V to 4.5V (Note 1)
VCC = 1.8V to 2.5V (Note 1)
19
THV
HOLD High to Output Valid
100
150
200
ns
ns
ns
VCC = 4.5V to 5.5V
VCC = 2.5V to 4.5V
VCC = 1.8V to 2.5V
20
TWC
Internal Write Cycle Time
5
ms
21
Endurance
1M
E/W
Cycles
(Note 2)
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please
consult the Total Endurance™ Model which can be obtained from Microchip’s web site at: www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com