Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25C080 Datasheet(PDF) 19 Page - Microchip Technology

Part # 25C080
Description  8K SPI Bus Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25C080 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 25C080 Datasheet HTML 14Page - Microchip Technology 25C080 Datasheet HTML 15Page - Microchip Technology 25C080 Datasheet HTML 16Page - Microchip Technology 25C080 Datasheet HTML 17Page - Microchip Technology 25C080 Datasheet HTML 18Page - Microchip Technology 25C080 Datasheet HTML 19Page - Microchip Technology 25C080 Datasheet HTML 20Page - Microchip Technology 25C080 Datasheet HTML 21Page - Microchip Technology 25C080 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2004 Microchip Technology Inc.
DS21230D-page 19
25AA080/25LC080/25C080
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
25AA080: 8 Kbit 1.8V SPI Serial EEPROM
25AA080T: 8 Kbit 1.8V SPI Serial EEPROM
(Tape and Reel)
25LC080: 8 Kbit 2.5V SPI Serial EEPROM
25LC080: 8 Kbit 2.5V SPI Serial EEPROM
(Tape and Reel)
25C080: 8 Kbit 5.0V SPI Serial EEPROM
25C080: 8 Kbit 5.0V SPI Serial EEPROM
(Tape and Reel)
Temperature
Range
I= -40
°C to +85°C
E= -40
°C to+125°C
Package
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body), 8-lead
Examples:
a)
25AA080-I/SN: Industrial Temp.,
SOIC package
b)
25AA080T-I/SN: Tape and Reel,
Industrial Temp., SOIC package
c)
25LC080-I/SN: Industrial Temp.,
SOIC package
d)
25LC080T-I/SN: Tape and Reel,
Industrial Temp., SOIC package
e)
25C080-I/P: Industrial Temp.,
PDIP package
f)
25C080-I/SN: Industrial Temp.,
SOIC package
g)
25C080T-I/SN: Tape and Reel,
Industrial Temp., SOIC package
h)
25C080-E/SN: Extended Temp.,
SOIC package
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com