Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25C080 Datasheet(PDF) 1 Page - Microchip Technology

Part # 25C080
Description  8K SPI Bus Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25C080 Datasheet(HTML) 1 Page - Microchip Technology

  25C080 Datasheet HTML 1Page - Microchip Technology 25C080 Datasheet HTML 2Page - Microchip Technology 25C080 Datasheet HTML 3Page - Microchip Technology 25C080 Datasheet HTML 4Page - Microchip Technology 25C080 Datasheet HTML 5Page - Microchip Technology 25C080 Datasheet HTML 6Page - Microchip Technology 25C080 Datasheet HTML 7Page - Microchip Technology 25C080 Datasheet HTML 8Page - Microchip Technology 25C080 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2004 Microchip Technology Inc.
DS21230D-page 1
25AA080/25LC080/25C080
Device Selection Table
Features:
• Low-power CMOS technology:
- Write current: 3 mA maximum
- Read current: 500
µA typical
- Standby current: 500 nA typical
• 1024 x 8-bit organization
• 16 byte page
• Write cycle time: 5 ms max.
• Self-timed erase and write cycles
• Block write protection:
- Protect none, 1/4, 1/2 or all of array
• Built-in write protection:
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential read
• High reliability:
- Endurance: 1 M cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• 8-pin PDIP and SOIC (150 mil)
• Temperature ranges supported:
Description:
The Microchip Technology Inc. 25AA080/25LC080/
25C080 (25XX080*) are 8 Kbit Serial Electrically
Erasable PROMs. The memory is accessed via a
simple Serial Peripheral Interface™ (SPI™) compati-
ble serial bus. The bus signals required are a clock
input (SCK) plus separate data in (SI) and data out
(SO) lines. Access to the device is controlled through a
Chip Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
chip select, allowing the host to service higher priority
interrupts.
Package Types
Block Diagram
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
25AA080
1.8-5.5V
1 MHz
I
25LC080
2.5-5.5V
2 MHz
I
25C080
4.5-5.5V
3 MHz
I,E
- Industrial (I):
-40
°Cto +85°C
- Automotive (E) (25C080):
-40°C to +125°C
CS
SO
WP
VSS
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
PDIP/SOIC
SI
SO
SCK
CS
HOLD
WP
Status
Register
I/O Control
Memory
Control
Logic
X
Dec
HV Generator
EEPROM
Array
Page Latches
Y Decoder
Sense Amp.
R/W Control
Logic
VCC
VSS
8K SPIBus Serial EEPROM
*25XX080 is used in this document as a generic part number for the
25AA080/25LC080/25C080 devices.
SPI™ is a trademark of Motorola Inc.
Not recommended for new designs –
Please use 25AA080A/B or 25LC080A/B.


Similar Part No. - 25C080

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
8K/16K 5.0V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
291Kb / 22P
8K SPI TM Bus Serial EEPROM
2004
25C080 MICROCHIP-25C080 Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
10/26/12
25C080-E/P MICROCHIP-25C080-E/P Datasheet
291Kb / 22P
8K SPI TM Bus Serial EEPROM
2004
25C080-E/SN MICROCHIP-25C080-E/SN Datasheet
291Kb / 22P
8K SPI TM Bus Serial EEPROM
2004
More results

Similar Description - 25C080

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
8K/16K 5.0V SPI Bus Serial EEPROM
1996
25AA080A MICROCHIP-25AA080A Datasheet
523Kb / 24P
8K SPI Bus Serial EEPROM
2003
25AA080 MICROCHIP-25AA080_04 Datasheet
291Kb / 22P
8K SPI TM Bus Serial EEPROM
2004
25AA080A MICROCHIP-25AA080A_07 Datasheet
423Kb / 26P
8K SPI Bus Serial EEPROM
2007
25AA080C MICROCHIP-25AA080C Datasheet
486Kb / 28P
8K SPI Bus Serial EEPROM
2009
25LC080P MICROCHIP-25LC080P Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
1997-2012
25LC080SN MICROCHIP-25LC080SN Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
1997-2012
25AA080 MICROCHIP-25AA080_13 Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
10/26/12
25AA080C MICROCHIP-25AA080C_12 Datasheet
846Kb / 34P
8K SPI Bus Serial EEPROM
11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com