Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2403DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2403DN
Description  3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2403DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2403DN Datasheet HTML 1Page - Monolithic Power Systems MP2403DN Datasheet HTML 2Page - Monolithic Power Systems MP2403DN Datasheet HTML 3Page - Monolithic Power Systems MP2403DN Datasheet HTML 4Page - Monolithic Power Systems MP2403DN Datasheet HTML 5Page - Monolithic Power Systems MP2403DN Datasheet HTML 6Page - Monolithic Power Systems MP2403DN Datasheet HTML 7Page - Monolithic Power Systems MP2403DN Datasheet HTML 8Page - Monolithic Power Systems MP2403DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP2403 – 3A, 32V, 250kHz INTEGRATED SYNCHRONOUS STEP-DOWN CONVERTER
MP2403 Rev.1.0
www.MonolithicPower.com
2
4/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2403DN
SOIC8N
(Exposed Pad)
MP2403DN
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP2403DN–Z).
For Lead Free, add suffix –LF (e.g. MP2403DN–LF–Z)
PACKAGE REFERENCE
BS
IN
SW
GND
SS
EN
COMP
FB
CONNECT EXPOSED PAD
AND GND PIN TO A CERTAIN
GROUND PLANE
1
2
3
4
8
7
6
5
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ........................-0.3V to +35V
Switch Voltage VSW ..................-1V to VIN + 0.3V
Boost Voltage VBS .......... VSW - 0.3V to VSW + 6V
All Other Pins.................................–0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....2.5W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature .............. -65°C to +150°C
Recommended Operating Conditions
(3)
Input Voltage VIN ..............................4.6V to 32V
Output Voltage VOUT.......................0.80V to 28V
Operating Junct. Temp (TJ)........-40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8N...................................50 ...... 10 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com