Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2403DN Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2403DN
Description  3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2403DN Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2403DN Datasheet HTML 5Page - Monolithic Power Systems MP2403DN Datasheet HTML 6Page - Monolithic Power Systems MP2403DN Datasheet HTML 7Page - Monolithic Power Systems MP2403DN Datasheet HTML 8Page - Monolithic Power Systems MP2403DN Datasheet HTML 9Page - Monolithic Power Systems MP2403DN Datasheet HTML 10Page - Monolithic Power Systems MP2403DN Datasheet HTML 11Page - Monolithic Power Systems MP2403DN Datasheet HTML 12Page - Monolithic Power Systems MP2403DN Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP2403 – 3A, 32V, 250kHz INTEGRATED SYNCHRONOUS STEP-DOWN CONVERTER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2403 Rev. 1.0
www.MonolithicPower.com
13
4/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE INFORMATION
SOIC8N (EXPOSED PAD)
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
2) Exposed Pad Option (N-Package) ; 2.31mm -2.79mm x 2.79mm - 3.81mm.
Recommend Solder Board Area: 2.80mm x 3.82mm = 10.7mm2 (16.6 mil2)
3) The length of the package does not include mold flash. Mold flash shall not exceed 0.006in. (0.15mm) per side.
With the mold flash included, over-all length of the package is 0.2087in. (5.3mm) max.
4) The width of the package does not include mold flash. Mold flash shall not exceed 0.10in. (0.25mm) per side.
With the mold flash included, over-all width of the package is 0.177in. (4.5mm) max.
0.016(0.410)
0.050(1.270)
0o-8o
DETAIL "A"
0.011(0.280)
0.020(0.508)
x 45o
SEE DETAIL "A"
0.0075(0.191)
0.0098(0.249)
0.229(5.820)
0.244(6.200)
Land Pattern
.028
.050
0.140 (3.55mm)
0.200 (5.07 mm)
0.060
0.150(3.810)
0.157(4.000)
PIN 1 IDENT.
0.050(1.270)BSC
0.013(0.330)
0.020(0.508)
NOTE 2
NOTE 4
SEATING PLANE
0.001(0.030)
0.004(0.101)
0.189(4.800)
0.197(5.000)
0.053(1.350)
0.068(1.730)
0.049(1.250)
0.060(1.524)
NOTE 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com