Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2403DN Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2403DN
Description  3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2403DN Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2403DN Datasheet HTML 5Page - Monolithic Power Systems MP2403DN Datasheet HTML 6Page - Monolithic Power Systems MP2403DN Datasheet HTML 7Page - Monolithic Power Systems MP2403DN Datasheet HTML 8Page - Monolithic Power Systems MP2403DN Datasheet HTML 9Page - Monolithic Power Systems MP2403DN Datasheet HTML 10Page - Monolithic Power Systems MP2403DN Datasheet HTML 11Page - Monolithic Power Systems MP2403DN Datasheet HTML 12Page - Monolithic Power Systems MP2403DN Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP2403 – 3A, 32V, 250kHz INTEGRATED SYNCHRONOUS STEP-DOWN CONVERTER
MP2403 Rev.1.0
www.MonolithicPower.com
11
4/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, the applicable
conditions of external BST diode are:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the output of the voltage
regulator to BST pin, as shown in Fig.2
MP2403
SW
BST
C
L
BST
C
5V or 3.3V
OUT
External BST Diode
IN4148
Figure 2—Add Optional External Bootstrap
Diode to Enhance Efficiency
The recommended external BST diode is IN4148,
and the BST cap is 0.1~1µF.
TYPICAL APPLICATION CIRCUITS
INPUT
4.6V to 32V
OUTPUT
2.5V
3A
C3
4.7nF
C6
(optional)
D1
B340
(optional)
C5
10nF
MP2403
BS
IN
FB
SW
1
3
5
6
4
8
7
2
SS
GND
COMP
EN
Figure 3—MP2403 with AVX 47μF, 6.3V Ceramic Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com