Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2467DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2467DN
Description  2.5A, 36V, 500kHz Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2467DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2467DN Datasheet HTML 1Page - Monolithic Power Systems MP2467DN Datasheet HTML 2Page - Monolithic Power Systems MP2467DN Datasheet HTML 3Page - Monolithic Power Systems MP2467DN Datasheet HTML 4Page - Monolithic Power Systems MP2467DN Datasheet HTML 5Page - Monolithic Power Systems MP2467DN Datasheet HTML 6Page - Monolithic Power Systems MP2467DN Datasheet HTML 7Page - Monolithic Power Systems MP2467DN Datasheet HTML 8Page - Monolithic Power Systems MP2467DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP2467 – 2.5A, 36V, 500KHz STEP-DOWN CONVERTER
MP2467 Rev. 1.1
www.MonolithicPower.com
4
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1
SW
Switch Node. This is the output from the high-side switch. A low Vf Schottky rectifier to ground
is required. The rectifier must be close to the SW pins to reduce switching spikes.
2
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down. Pulling it
above the specified threshold or leaving it floating enables the chip.
3
COMP
Compensation. This node is the output of the error amplifier. Control loop frequency
compensation is applied to this pin.
4
FB
Feedback. This is the input to the error amplifier. An external resistive divider connected
between the output and GND is compared to the internal +0.8V reference to set the regulation
voltage.
5
GND
Ground. It should be connected as close as possible to the output capacitor avoiding the high
current switch paths.
6
RSET Internal Bias Setting. Connect a 200kΩ resistor to this pin.
7
VIN
Input Supply. This supplies power to all the internal control circuitry, including bootstrap
regulator and the high-side switch. A decoupling capacitor to ground must be placed close to
this pin to minimize switching spikes.
8
BST
Bootstrap. This is the positive power supply for the internal floating high-side MOSFET driver.
Connect a bypass capacitor between this pin and SW pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com