Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2467DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2467DN
Description  2.5A, 36V, 500kHz Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2467DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2467DN Datasheet HTML 1Page - Monolithic Power Systems MP2467DN Datasheet HTML 2Page - Monolithic Power Systems MP2467DN Datasheet HTML 3Page - Monolithic Power Systems MP2467DN Datasheet HTML 4Page - Monolithic Power Systems MP2467DN Datasheet HTML 5Page - Monolithic Power Systems MP2467DN Datasheet HTML 6Page - Monolithic Power Systems MP2467DN Datasheet HTML 7Page - Monolithic Power Systems MP2467DN Datasheet HTML 8Page - Monolithic Power Systems MP2467DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP2467
2.5A, 36V, 500kHz
Step-Down Converter
MP2467 Rev. 1.1
www.MonolithicPower.com
1
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2467 is a high frequency step-down
switching regulator with integrated internal
high-side, high voltage power MOSFET. It
provides 2.5A output with current mode control
for fast loop response and easy compensation.
The wide 6V to 36V input range accommodates
a variety of step-down applications, including
those
in
automotive
systems.
A
100µA
operational quiescent current allows use in
battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
The frequency foldback prevents inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
The MP2467 is available in thermally enhanced
SOIC8 package.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2467DN-00A
1.8”X x 1.8”Y x 0.4”Z
FEATURES
• 100µA Quiescent Current
• Wide 6V to 36V Operating Input Range
• 150mΩ Internal Power MOSFET
• 500kHz Fixed Switching Frequency
• Ceramic Capacitor Stable
• Internal Soft-Start
• Precision Current Limit without a Current
Sensing Resistor
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 30V
• Available in SOIC8 with Exposed Pad
Packages
APPLICATIONS
• Game Machines
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Printer Systems
• Battery Powered Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C3
220pF
C6
NS
C4
100nF
D1
VOUT
3.3V
VIN
VIN
EN
RSET
GND
BST
5
8
1
4
3
7
2
6
SW
FB
COMP
MP2467
EN
Efficiency vs.
Load Current
100
90
80
70
60
50
40
30
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (A)
VOUT=3.3V
VIN=12V
VIN=24V


Similar Part No. - MP2467DN

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MP24 MERCURY-MP24 Datasheet
116Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
MP24 EUROQUARTZ-MP24 Datasheet
135Kb / 1P
Frequency range 3.20MHz to 70.0MHZ
logo
Cirrus Logic
MP240 APEX-MP240 Datasheet
353Kb / 5P
POWER OPERATIONAL AMPLIFIER
logo
CTS Corporation
MP240 CTS-MP240 Datasheet
133Kb / 5P
Quartz Crystal
logo
Cirrus Logic
MP240 CIRRUS-MP240 Datasheet
575Kb / 7P
Power Operational Amplifier
More results

Similar Description - MP2467DN

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT2808A RICHTEK-RT2808A Datasheet
371Kb / 15P
3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
3A, 36V, 500kHz Synchronous Step-Down Converter
RT7272B RICHTEK-RT7272B Datasheet
262Kb / 15P
3A, 36V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
Lowpower Semiconductor ...
LP6482S POWER-LP6482S Datasheet
973Kb / 10P
340KHz, 36V/2.5A Step-down Converter With Soft-Start
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7425 AITSEMI-A7425 Datasheet
1Mb / 18P
DC-DC CONVERTER BUCK (STEP-DOWN) 40V, 2.5A, 500kHz SYNCHRONOUS
REV1.1 - MAR 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com