Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2467DN Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2467DN
Description  2.5A, 36V, 500kHz Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2467DN Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2467DN Datasheet HTML 1Page - Monolithic Power Systems MP2467DN Datasheet HTML 2Page - Monolithic Power Systems MP2467DN Datasheet HTML 3Page - Monolithic Power Systems MP2467DN Datasheet HTML 4Page - Monolithic Power Systems MP2467DN Datasheet HTML 5Page - Monolithic Power Systems MP2467DN Datasheet HTML 6Page - Monolithic Power Systems MP2467DN Datasheet HTML 7Page - Monolithic Power Systems MP2467DN Datasheet HTML 8Page - Monolithic Power Systems MP2467DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MP2467 – 2.5A, 36V, 500KHz STEP-DOWN CONVERTER
MP2467 Rev. 1.1
www.MonolithicPower.com
5
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, C1 = 10µF, C2 = 22µF, L = 10µH and TA = +25°C, unless otherwise noted.
Efficiency vs.
Load Current
100
90
80
70
60
50
40
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (A)
VOUT=2.5V
VIN=12V
VIN=24V
VSW
10V/div.
VOUT
AC Coupled
10mV/div.
IL
1A/div.
VSW
10V/div.
VOUT
AC Coupled
10mV/div.
IL
1A/div.
1
v.
Steady State
VOUT=5V, IOUT=0.1A
Steady State
VOUT=5V, IOUT=1A
Efficiency vs.
Load Current
100
90
80
70
60
50
40
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (A)
VOUT=5V
VIN=24V
VIN=12V
Steady State
VOUT=5V, IOUT=2A
VSW
10V/div.
VOUT
AC Coupled
10mV/div.
IL
2A/div.
2
v.
2
v.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com