Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2480 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2480
Description  5V, 36V Input, 3A High Power LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2480 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2480 Datasheet HTML 1Page - Monolithic Power Systems MP2480 Datasheet HTML 2Page - Monolithic Power Systems MP2480 Datasheet HTML 3Page - Monolithic Power Systems MP2480 Datasheet HTML 4Page - Monolithic Power Systems MP2480 Datasheet HTML 5Page - Monolithic Power Systems MP2480 Datasheet HTML 6Page - Monolithic Power Systems MP2480 Datasheet HTML 7Page - Monolithic Power Systems MP2480 Datasheet HTML 8Page - Monolithic Power Systems MP2480 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP2480 – 36V INPUT, 3A HIGH POWER LED DRIVER
MP2480 Rev. 1.01
www.MonolithicPower.com
3
1/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA= 25°C, unless otherwise noted.
Specifications over temperature are guaranteed by design and characterization.
Parameter
Symbol Condition
Min
Typ
Max
Units
VIN UVLO threshold
3.6
4.0
4.4
V
VIN UVLO hysteresis
0.4
V
Shutdown supply current
VEN = 0V
2
5
µA
Quiescent supply current
No load, VFB = 250mV
160
220
µA
Upper switch on resistance
(5)
RDS(ON)
VBST – VSW = 5V
150
mΩ
Upper switch leakage current
ISWLK
VEN = 0V, VSW = 0V
0.01
1
µA
Current limit
IPK
VFB = 0.15V
3.5
4.3
A
EN up threshold
VENH
1.4
1.55
1.7
V
EN threshold hysteresis
VENHY
320
mV
EN input current
IENI
VEN =5V
0.01
1
µA
EN sinking current
IENS
VEN =2V
2
3
µA
DIM up threshold
VDIMH
0.8
1.15
1.5
V
DIM threshold hysteresis
VDIMHY
300
mV
VDIM =5V
-1
1
µA
DIM input current
IDIM
VDIM =0V
-5
-1
µA
Feedback voltage threshold high
(5)
VFBH
5V < VIN < 36V, VFB rising from
0V until VSW < 30V
220
225
230
mV
Feedback voltage threshold low
(5)
VFBL
5V < VIN < 36V, VFB falling
from 0.25V until VSW > 30V
170
175
180
mV
FB pin input current
IFB
VFB=5V or 0V
-100
100
nA
Max duty cycle
(5)
DMAX
98
%
Thermal shutdown
(5)
Hysteresis = 20°C
150
°C
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com