Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2480 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2480
Description  5V, 36V Input, 3A High Power LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2480 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2480 Datasheet HTML 1Page - Monolithic Power Systems MP2480 Datasheet HTML 2Page - Monolithic Power Systems MP2480 Datasheet HTML 3Page - Monolithic Power Systems MP2480 Datasheet HTML 4Page - Monolithic Power Systems MP2480 Datasheet HTML 5Page - Monolithic Power Systems MP2480 Datasheet HTML 6Page - Monolithic Power Systems MP2480 Datasheet HTML 7Page - Monolithic Power Systems MP2480 Datasheet HTML 8Page - Monolithic Power Systems MP2480 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2480
5V―36V Input, 3A High
Power LED Driver
MP2480 Rev. 1.01
www.MonolithicPower.com
1
1/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2480 is step-down switching regulator
that delivers a constant current of up to 3A to
high-power LEDs. It integrates a high-side,
high-voltage power MOSFET with a current limit
of 4.3A. The wide 5V to 36V input range
accommodates
a
variety
of
step-down
applications, making it ideal for general lighting
and LCD backlighting applications. Hysteretic
current-mode control helps provide for a very
fast response, which makes the 20kHz dimming
frequency possible. MPS’s proprietary feedback
control minimizes the number of external
components while delivering an LED current
with a typical accuracy of ±3%.
The switching frequency goes up to 2MHz, thus
permitting smaller components. Thermal shut
down, and short circuit protection provide
reliable
fault-tolerant operation. A
160µA
quiescent current allows for use in battery-
powered applications.
The MP2480 is available in SOIC8-EP with an
exposed pad on the bottom.
FEATURES
• Wide 5V to 36V Operating Input Range
• Up to 95% Efficiency
• Hysteretic Control with No Compensation
• No Output Capacitor Required
• ±3% LED Current Accuracy
• Up to 2MHz Switching Frequency
• Up to 20kHz Dimming Frequency
• 200mV Reference Voltage
• Short-Circuit Protection with Integrated
High-Side MOSFET
• Thermal Shut Down
• Available in SOIC8-EP
APPLICATIONS
• High Power LED Driver
• General Lighting and LCD Backlighting
• Constant Current Source
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2480

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2480DN MPS-MP2480DN Datasheet
310Kb / 6P
Hysteretic Step Down High Power LED Driver
More results

Similar Description - MP2480

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
1A High Power LED Driver with 6~36V Input
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
logo
PULS GmbH
ML15.051 PULS-ML15.051 Datasheet
465Kb / 22P
5V, 3A, SINGLE PHASE INPUT
logo
Diodes Incorporated
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
logo
Monolithic Power System...
MP24895 MPS-MP24895 Datasheet
305Kb / 13P
Step-down White-LED Driver Wide 6-36V Input Voltage
EV4689DN-00A MPS-EV4689DN-00A Datasheet
238Kb / 5P
100V Input 1A High Power LED Driver
logo
Shenzhen Tianyuan Semic...
TP4205 TPOWER-TP4205 Datasheet
470Kb / 7P
36V/1.2A high dimming ratio LED driver
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
36V/1.2A high dimming ratio LED driver
logo
Shenzhen Huazhimei Semi...
HM4112A HMSEMI-HM4112A Datasheet
595Kb / 7P
36V/1.2A high dimming ratio LED driver
HM4112 HMSEMI-HM4112 Datasheet
762Kb / 8P
36V/1.2A high dimming ratio LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com