Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2480 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2480
Description  5V, 36V Input, 3A High Power LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2480 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2480 Datasheet HTML 4Page - Monolithic Power Systems MP2480 Datasheet HTML 5Page - Monolithic Power Systems MP2480 Datasheet HTML 6Page - Monolithic Power Systems MP2480 Datasheet HTML 7Page - Monolithic Power Systems MP2480 Datasheet HTML 8Page - Monolithic Power Systems MP2480 Datasheet HTML 9Page - Monolithic Power Systems MP2480 Datasheet HTML 10Page - Monolithic Power Systems MP2480 Datasheet HTML 11Page - Monolithic Power Systems MP2480 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP2480 – 36V INPUT, 3A HIGH POWER LED DRIVER
MP2480 Rev. 1.01
www.MonolithicPower.com
11
1/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the LED driver. For the cases listed
below, add an external BST diode is from a 5V
rail to the BST pin:
There is a 5V rail available in the system;
VIN ≤ 5V;
3.3V < VOUT < 5V;
Add a diode for high duty cycle operations
(when VOUT/VIN > 65%), and for very-high–
frequency (over 1.5MHz) applications.
The bootstrap diode can be low-cost, such as a
IN4148 or BAT54.
Figure 2—External Bootstrap Diode
Layout Consideration
Place the input decoupling capacitors and the
catch diode as close to MP2480 (VIN pin, SW
pin and PGND) as possible, with short, wide
traces. This reduces the voltage spike on the
SW node and lowers the EMI noise level.
Run the feedback trace as far away from the
inductor and noisy power traces as possible.
Try to run the feedback trace on the opposite
side of the PCB to the inductor, with a ground
plane separating the traces from the inductor.
To improve thermal conduction, create a grid of
thermal vias right under the exposed pad. Use
small vias (15mil barrel diameter) so that the
holes fill during the plating process. Very large
holes can cause ‘solder-wicking’ problems
during the reflow soldering process. Use a pitch
(distance between the centers) of around 40mil
to space the vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com