Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2483 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2483
Description  2.5A, 55V, Programmable Frequency White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2483 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2483 Datasheet HTML 1Page - Monolithic Power Systems MP2483 Datasheet HTML 2Page - Monolithic Power Systems MP2483 Datasheet HTML 3Page - Monolithic Power Systems MP2483 Datasheet HTML 4Page - Monolithic Power Systems MP2483 Datasheet HTML 5Page - Monolithic Power Systems MP2483 Datasheet HTML 6Page - Monolithic Power Systems MP2483 Datasheet HTML 7Page - Monolithic Power Systems MP2483 Datasheet HTML 8Page - Monolithic Power Systems MP2483 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP2483 – 2.5A, 55V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP2483 Rev. 1.0
www.MonolithicPower.com
2
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2483DQ
3x3 QFN10
9M
-40
°C to +85°C
MP2483DS
SOIC14
MP2483DS
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP2483DQ–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2483DQ–LF–Z)
PACKAGE REFERENCE
TOP VIEW
VDD
VSS
OVP
FB
COMP
1
2
3
4
5
SW
BST
INGND
EN/DIM
RSET
10
9
8
7
6
NC
VDD
VSS
OVP
FB
COMP
NC
NC
SW
BST
INGND
EN/DIM
REST
NC
1
2
3
4
14
13
12
11
10
9
8
5
6
7
TOP VIEW
QFN10
SOIC14
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VDD – VSS.............................60V
VSW – VSS .................................... -0.3V to 60.3V
VBST .................................................... VSW + 6V
VEN/Dim – VINGND............................... -0.3V to +6V
VINGND – VSS ................................... -0.3V to 60V
Other pins – VSS............................. -0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
3x3 QFN10 ................................................2.5W
SOIC14......................................................1.4W
Junction Temperature.............................. 150
°C
Lead Temperature ................................... 260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VDD – VSS................ 4.5V to 55V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
3x3 QFN10 .............................50 ...... 12 ...
°C/W
SOIC14...................................86 ...... 38 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device function is not guaranteed outside of the
recommended operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com