Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2483 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2483
Description  2.5A, 55V, Programmable Frequency White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2483 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2483 Datasheet HTML 3Page - Monolithic Power Systems MP2483 Datasheet HTML 4Page - Monolithic Power Systems MP2483 Datasheet HTML 5Page - Monolithic Power Systems MP2483 Datasheet HTML 6Page - Monolithic Power Systems MP2483 Datasheet HTML 7Page - Monolithic Power Systems MP2483 Datasheet HTML 8Page - Monolithic Power Systems MP2483 Datasheet HTML 9Page - Monolithic Power Systems MP2483 Datasheet HTML 10Page - Monolithic Power Systems MP2483 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP2483 – 2.5A, 55V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP2483 Rev. 1.0
www.MonolithicPower.com
7
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=20V, ILED=0.7A, seven 3W LED in series, Buck-boost application, referred to VSS, unless
otherwise noted
IWLED vs VEN
-100
0
100
200
300
400
500
600
700
800
0
200 400 600 800 1000 1200 1400 1600
VEN(mV)
IWLED vs Dimming Duty
0
100
200
300
400
500
600
700
800
0
0.2
0.4
0.6
0.8
1
DIMMING DUTY
Efficiency vs. Input Voltage
INPUT VOLTAGE (V)
EN on
Steady state
EN
20V/div
IL
2A/div
IL
2A/div
SW
20V/div
SW
20V/div
IWLED
500mA/div
IWLED
500mA/div
VIN
2V/div
IINDUCTOR
2A/div
IINDUCTOR
2A/div
IINDUCTOR
1A/div
ISHORT
2A/div
SW
20V/div
IWLED
500mA/div
IWLED
500mA/div
VLED+
10V/div
100us/div
100us/div
1us/div
2ms/div
1ms/div
10us/div
Open LED Protection
Short Circuit Protection
(short LED + to VSS)
PWM dimming
EN off
EN
20V/div
SW
20V/div
SW
20V/div
SW
10V/div
EN
5V/div
OVP
500mV/div
VIN
20V/div
0
1020304050
60
65
70
75
80
85
90
95
100
3WLED,710mA
4WLED,710mA
5WLED,710mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com