Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2483 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2483
Description  2.5A, 55V, Programmable Frequency White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2483 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2483 Datasheet HTML 1Page - Monolithic Power Systems MP2483 Datasheet HTML 2Page - Monolithic Power Systems MP2483 Datasheet HTML 3Page - Monolithic Power Systems MP2483 Datasheet HTML 4Page - Monolithic Power Systems MP2483 Datasheet HTML 5Page - Monolithic Power Systems MP2483 Datasheet HTML 6Page - Monolithic Power Systems MP2483 Datasheet HTML 7Page - Monolithic Power Systems MP2483 Datasheet HTML 8Page - Monolithic Power Systems MP2483 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2483
2.5A, 55V, Programmable Frequency
White LED Driver
MP2483 Rev. 1.0
www.MonolithicPower.com
1
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2483 is a 55V, 2.5A, white LED driver
suitable for either step-down or inverting
step-up/down applications. It achieves 2.5A
peak output current over a wide input supply
range with excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization. Fault
condition protection includes thermal shutdown,
cycle-by-cycle peak current limiting, open
strings protection and output short circuit
protection.
The MP2483 incorporates both DC and PWM
dimming onto a single control pin. The separate
input reference ground pin allows for direct
enable and/or dimming control for a positive to
negative power conversion.
The MP2483 requires a minimum number of
readily available standard external components
and is available in 10-pin 3mm x 3mm QFN
package and 14-pin SOIC14 packages.
FEATURES
• 2.5A Maximum Output Current
• Unique Step-up/down Operation (Buck-
Boost Mode)
• Wide 4.5V to 55V Operating Input Range for
Step-Down Applications (Buck Mode)
• 0.28Ω Internal Power MOSFET Switch
• Adjustable Switching Frequency
• Analog and PWM Dimming
• 0.198V Reference Voltage
• 5μA Shutdown Mode
• No Minimum LED Required
• Stable with Low ESR Output Ceramic
Capacitors
• Cycle-by-Cycle Over Current Protection
• Thermal Shutdown Protection
• Open Strings Protection
• Output Short Circuit Protection
• Available in 10-Pin 3x3 QFN Package and
14-Pin SOIC14 Package
APPLICATIONS
• General LED Illuminations
• LCD Backlight Panels
• Handheld Computers
• Automotive Internal Lighting
• Portable Multimedia Players
• Portable GPS Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
VDD OVP
BST
SW
FB
RSET
COMP
MP2483
VSS
INGND
EN/DIM
OFF ON
L1
4.7
C3
100nF
D1
B360A
C2
2.2
C1
10
VIN
4.5V<VIN<55V
C4
1nF
DC or PWM Input
R1
R2
R3
C5
1nF
R4


Similar Part No. - MP2483

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24830 MPS-MP24830 Datasheet
653Kb / 15P
4.5V . 90V, Programmable Frequency White LED Driver
MP24830 MPS-MP24830 Datasheet
352Kb / 7P
Buck- Boost Mode White LED Driver 5V ??90V, Programmable Frequency
MP24830HL MPS-MP24830HL Datasheet
653Kb / 15P
4.5V . 90V, Programmable Frequency White LED Driver
MP24830HL MPS-MP24830HL Datasheet
306Kb / 7P
Buck- Boost Mode White LED Driver 8V ??24V, Programmable Frequency
MP24830HS MPS-MP24830HS Datasheet
653Kb / 15P
4.5V . 90V, Programmable Frequency White LED Driver
More results

Similar Description - MP2483

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
1A, 55V, Programmable Frequency White LED Driver
MPQ2483 MPS-MPQ2483 Datasheet
1Mb / 16P
Industrial/Automotive-Grade 55V, 2.5A Programmable Frequency LED Driver Avaiable in AEC-Q100
MPQ2483A MPS-MPQ2483A Datasheet
592Kb / 16P
Industrial/Automotive-Grade 55V, 2.5A Programmable Frequency LED Driver Available in AEC-Q100
EV2483DQ-00A MPS-EV2483DQ-00A Datasheet
165Kb / 5P
2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00B MPS-EV2483DQ-00B Datasheet
160Kb / 5P
2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00C MPS-EV2483DQ-00C Datasheet
162Kb / 5P
2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV24183DQ-00B MPS-EV24183DQ-00B Datasheet
170Kb / 5P
1A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV24183DQ-00C MPS-EV24183DQ-00C Datasheet
259Kb / 5P
1A, 55V, Programmable Frequency White LED Driver Evaluation Board
EVQ2483-Q-00A MPS-EVQ2483-Q-00A Datasheet
417Kb / 5P
55V, Programmable Frequency White LED Driver Evaluation Board AEC-Q100 Qualified
EVQ2483-S-00A MPS-EVQ2483-S-00A Datasheet
273Kb / 5P
55V, Programmable Frequency White LED Driver Evaluation Board AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com