Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 89 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 89 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 85Page - Microchip Technology DSPIC30F2010 Datasheet HTML 86Page - Microchip Technology DSPIC30F2010 Datasheet HTML 87Page - Microchip Technology DSPIC30F2010 Datasheet HTML 88Page - Microchip Technology DSPIC30F2010 Datasheet HTML 89Page - Microchip Technology DSPIC30F2010 Datasheet HTML 90Page - Microchip Technology DSPIC30F2010 Datasheet HTML 91Page - Microchip Technology DSPIC30F2010 Datasheet HTML 92Page - Microchip Technology DSPIC30F2010 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70135E-page 87
dsPIC30F4011/4012
14.3
Position Measurement Mode
There are two Measurement modes which are sup-
ported and are termed x2 and x4. These modes are
selected by the QEIM<2:0> (QEICON<10:8>) mode
select bits.
When control bits, QEIM<2:0> = 100 or 101, the x2
Measurement mode is selected and the QEI logic only
looks at the Phase A input for the position counter
increment rate. Every rising and falling edge of the
Phase A signal causes the position counter to be incre-
mented or decremented. The Phase B signal is still
utilized for the determination of the counter direction
just as in the x4 mode.
Within the x2 Measurement mode, there are two
variations of how the position counter is reset:
1.
Position counter reset by detection of index
pulse, QEIM<2:0> = 100.
2.
Position counter reset by match with MAXCNT,
QEIM<2:0> = 101.
When control bits, QEIM<2:0> = 110 or 111, the x4
Measurement mode is selected and the QEI logic looks
at both edges of the Phase A and Phase B input sig-
nals. Every edge of both signals causes the position
counter to increment or decrement.
Within the x4 Measurement mode, there are two
variations of how the position counter is reset:
1.
Position counter reset by detection of index
pulse, QEIM<2:0> = 110.
2.
Position counter reset by match with MAXCNT,
QEIM<2:0> = 111.
The x4 Measurement mode provides for finer resolu-
tion data (more position counts) for determining motor
position.
14.4
Programmable Digital Noise
Filters
The digital noise filter section is responsible for reject-
ing noise on the incoming capture or quadrature
signals. Schmitt Trigger inputs and a three-clock cycle
delay filter combine to reject low-level noise and large,
short duration, noise spikes that typically occur in noise
prone applications, such as a motor system.
The filter ensures that the filtered output signal is not
permitted to change until a stable value has been
registered for three consecutive clock cycles.
For the QEA, QEB and INDX pins, the clock divide
frequency for the digital filter is programmed by bits
QECK<2:0> (DFLTCON<6:4>) and are derived from
the base instruction cycle TCY.
To enable the filter output for channels QEA, QEB and
INDX, the QEOUT bit must be ‘1’. The filter network for
all channels is disabled on POR and BOR.
14.5
Alternate 16-bit Timer/Counter
When the QEI module is not configured for the QEI
mode, QEIM<2:0> = 001, the module can be config-
ured as a simple 16-bit timer/counter. The setup and
control of the auxiliary timer is accomplished through
the QEICON SFR register. This timer functions identi-
cally to Timer1. The QEA pin is used as the timer clock
input.
When configured as a timer, the POSCNT register
serves as the Timer Count register and the MAXCNT
register serves as the Period register. When a Timer/
Period register match occurs, the QEI interrupt flag will
be asserted.
The only exception between the general purpose tim-
ers and this timer is the added feature of external up/
down input select. When the UPDN pin is asserted
high, the timer will increment up. When the UPDN pin
is asserted low, the timer will be decremented.
The UPDN control/status bit (QEICON<11>) can be
used to select the count direction state of the Timer
register. When UPDN = 1, the timer will count up. When
UPDN = 0, the timer will count down.
In addition, control bit, UPDN_SRC (QEICON<0>),
determines whether the timer count direction state is
based on the logic state written into the UPDN control/
status bit (QEICON<11>) or the QEB pin state. When
UPDN_SRC = 1, the timer count direction is controlled
from the QEB pin. Likewise, when UPDN_SRC = 0, the
timer count direction is controlled by the UPDN bit.
14.6
QEI Module Operation During CPU
Sleep Mode
14.6.1
QEI OPERATION DURING CPU
SLEEP MODE
The QEI module will be halted during the CPU Sleep
mode.
14.6.2
TIMER OPERATION DURING CPU
SLEEP MODE
During CPU Sleep mode, the timer will not operate
because the internal clocks are disabled.
Note:
Changing the operational mode (i.e., from
QEI to timer or vice versa) will not affect the
Timer/Position Count register contents.
Note:
This timer does not support the External
Asynchronous Counter mode of operation.
If using an external clock source, the clock
will automatically be synchronized to the
internal instruction cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com