Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 18 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 18 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 14Page - Microchip Technology DSPIC30F2010 Datasheet HTML 15Page - Microchip Technology DSPIC30F2010 Datasheet HTML 16Page - Microchip Technology DSPIC30F2010 Datasheet HTML 17Page - Microchip Technology DSPIC30F2010 Datasheet HTML 18Page - Microchip Technology DSPIC30F2010 Datasheet HTML 19Page - Microchip Technology DSPIC30F2010 Datasheet HTML 20Page - Microchip Technology DSPIC30F2010 Datasheet HTML 21Page - Microchip Technology DSPIC30F2010 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 16
© 2007 Microchip Technology Inc.
2.3
Divide Support
The dsPIC DSCs feature a 16/16-bit signed fractional
divide operation, as well as 32/16-bit and 16/16-bit
signed and unsigned integer divide operations, in the
form of single instruction iterative divides. The following
instructions and data sizes are supported:
1.
DIVF
– 16/16 signed fractional divide
2.
DIV.sd
– 32/16 signed divide
3.
DIV.ud
– 32/16 unsigned divide
4.
DIV.s
– 16/16 signed divide
5.
DIV.u
– 16/16 unsigned divide
The divide instructions must be executed within a
REPEAT
loop. Any other form of execution (e.g. a series
of discrete divide instructions) will not function correctly
because the instruction flow depends on RCOUNT. The
divide instruction does not automatically set up the
RCOUNT value and it must, therefore, be explicitly and
correctly specified in the REPEAT instruction, as shown in
Table 2-1 (REPEAT executes the target instruction
{operand value + 1} times). The REPEAT loop count must
be set up for 18 iterations of the DIV/DIVF instruction.
Thus, a complete divide operation requires 19 cycles.
TABLE 2-1:
DIVIDE INSTRUCTIONS
2.4
DSP Engine
The DSP engine consists of a high-speed, 17-bit x
17-bit multiplier, a barrel shifter and a 40-bit adder/
subtracter (with two target accumulators, round and
saturation logic).
The dsPIC30F devices have a single instruction flow
which can execute either DSP or MCU instructions.
Many of the hardware resources are shared between
the DSP and MCU instructions. For example, the
instruction set has both DSP and MCU multiply
instructions which use the same hardware multiplier.
The DSP engine also has the capability to perform
inherent accumulator-to-accumulator operations which
require no additional data. These instructions are ADD,
SUB
and NEG.
The DS0 engine has various options selected through
various bits in the CPU Core Configuration register
(CORCON), as listed below:
1.
Fractional or integer DSP multiply (IF).
2.
Signed or unsigned DSP multiply (US).
3.
Conventional or convergent rounding (RND).
4.
Automatic saturation on/off for ACCA (SATA).
5.
Automatic saturation on/off for ACCB (SATB).
6.
Automatic saturation on/off for writes to data
memory (SATDW).
7.
Accumulator
Saturation
mode
selection
(ACCSAT).
A block diagram of the DSP engine is shown in
Figure 2-2.
Note:
The divide flow is interruptible. However,
the user needs to save the context as
appropriate.
Instruction
Function
DIVF
Signed fractional divide: Wm/Wn
→ W0; Rem → W1
DIV.sd
Signed divide: (Wm + 1:Wm)/Wn
→ W0; Rem → W1
DIV.s
Signed divide: Wm/Wn
→ W0; Rem → W1
DIV.ud
Unsigned divide: (Wm + 1:Wm)/Wn
→ W0; Rem → W1
DIV.u
Unsigned divide: Wm/Wn
→ W0; Rem → W1
Note:
For CORCON layout, see Table 3-3.
TABLE 2-2:
DSP INSTRUCTION
SUMMARY
Instruction
Algebraic Operation
CLR
A = 0
ED
A = (x – y)2
EDAC
A = A + (x – y)2
MAC
A = A + (x * y)
MOVSAC
No change in A
MPY
A = x * y
MPY.N
A = – x * y
MSC
A = A – x * y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com